Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1826CE Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1826CE
Description  CMOS 64-Word x 8-Bit Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1826CE Datasheet(HTML) 6 Page - Intersil Corporation

  CDP1826CE Datasheet HTML 1Page - Intersil Corporation CDP1826CE Datasheet HTML 2Page - Intersil Corporation CDP1826CE Datasheet HTML 3Page - Intersil Corporation CDP1826CE Datasheet HTML 4Page - Intersil Corporation CDP1826CE Datasheet HTML 5Page - Intersil Corporation CDP1826CE Datasheet HTML 6Page - Intersil Corporation CDP1826CE Datasheet HTML 7Page - Intersil Corporation CDP1826CE Datasheet HTML 8Page - Intersil Corporation CDP1826CE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6-52
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD = 5V ±5%, Input tR, tF = 10ns; CL = 50pF and 1 TTL Load
PARAMETER
LIMITS
UNITS
CDP1826C
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
READ - CYCLE TIMES (FIGURES 4 AND 5)
Address to TPA Setup
tASH
100
-
-
ns
Address to TPA Hold
tAH
100
-
-
ns
Access from Address Change
TAA
-
500
1000
ns
TPA Pulse Width
tPAW
200
-
-
ns
Output Valid from MRD
tAM
-
500
1000
ns
Access from Chip Select
tAC
-
500
1000
ns
CEO Delay from TPA
Edge
tCA
-
150
300
ns
MRD to CEO Delay
tMC
75
-
-
ns
Output High Z from Invalid MRD
tRHZ
-
-
125
ns
Output High Z from Chip Deselect
tSHZ
-
-
225
ns
NOTES:
1. Time required by a limit device to allow tor the indicated function.
2. Typical values are or TA = 25
oC and nominal V
DD.
A0 - A5
LOW ORDER ADDRESS BYTE
HIGH ORDER
ADDRESS BYTE
HIGH IMPEDANCE
tAH
tAA
TPA
tPAW
tAC
tRHZ
tSHZ
tCA
tMC
tAM
VALID CHIP SELECT
VALID DATA
MRD
CS1 - CS2
CEO
BUS
tASH
FIGURE 4. TIMING WAVEFORMS FOR READ CYCLE 1
CDP1826C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com