Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1802BCDX Datasheet(PDF) 23 Page - Intersil Corporation

Part # CDP1802BCDX
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802BCDX Datasheet(HTML) 23 Page - Intersil Corporation

Back Button CDP1802BCDX Datasheet HTML 19Page - Intersil Corporation CDP1802BCDX Datasheet HTML 20Page - Intersil Corporation CDP1802BCDX Datasheet HTML 21Page - Intersil Corporation CDP1802BCDX Datasheet HTML 22Page - Intersil Corporation CDP1802BCDX Datasheet HTML 23Page - Intersil Corporation CDP1802BCDX Datasheet HTML 24Page - Intersil Corporation CDP1802BCDX Datasheet HTML 25Page - Intersil Corporation CDP1802BCDX Datasheet HTML 26Page - Intersil Corporation CDP1802BCDX Datasheet HTML 27Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
3-25
LONG BRANCH lF Q = 0
LBNQ
C9
lF Q = 0, M(R(P))
→ R(P).1, M(R(P) + 1) → R(P).0
EISE R(P) + 2
→ R(P)
SKIP INSTRUCTIONS
SHORT SKIP (See NBR)
SKP
38
(Note 2)
R(P) + 1
→ R(P)
LONG SKIP (See NLBR)
LSKP
C8
(Note 2)
R(P) + 2
→ R(P)
LONG SKIP IF D = 0
LSZ
CE
IF D = 0, R(P) + 2
→ R(P), ELSE CONTINUE
LONG SKIP IF D NOT 0
LSNZ
C6
IF D Not 0, R(P) + 2
→ R(P), ELSE CONTINUE
LONG SKIP IF DF = 1
LSDF
CF
IF DF = 1, R(P) + 2
→ R(P), ELSE CONTINUE
LONG SKIP IF DF = 0
LSNF
C7
IF DF = 0, R(P) + 2
→ R(P), ELSE CONTINUE
LONG SKIP lF Q = 1
LSQ
CD
IF Q = 1, R(P) + 2
→ R(P), ELSE CONTINUE
LONG SKIP IF Q = 0
LSNQ
C5
IF Q = 0, R(P) + 2
→ R(P), ELSE CONTINUE
LONG SKIP IF lE = 1
LSlE
CC
IF IE = 1, R(P) + 2
→ R(P), ELSE CONTINUE
CONTROL INSTRUCTIONS
IDLE
lDL
00
(Note 3)
WAIT FOR DMA OR INTERRUPT; M(R(0))
→ BUS
NO OPERATION
NOP
C4
CONTINUE
SET P
SEP
DN
N
→ P
SET X
SEX
EN
N
→ X
SET Q
SEQ
7B
1
→ Q
RESET Q
REQ
7A
0
→ Q
SAVE
SAV
78
T
→ M(R(X))
PUSH X, P TO STACK
MARK
79
(X, P)
→ T; (X, P) → M(R(2)), THEN P → X; R(2) - 1 → R(2)
RETURN
RET
70
M(R(X))
→ (X, P); R(X) + 1 → R(X), 1 → lE
DISABLE
DlS
71
M(R(X))
→ (X, P); R(X) + 1 → R(X), 0 → lE
INPUT - OUTPUT BYTE TRANSFER
OUTPUT 1
OUT 1
61
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 1
OUTPUT 2
OUT 2
62
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 2
OUTPUT 3
OUT 3
63
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 3
OUTPUT 4
OUT 4
64
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 4
OUTPUT 5
OUT 5
65
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 5
OUTPUT 6
OUT 6
66
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 6
OUTPUT 7
OUT 7
67
M(R(X))
→ BUS; R(X) + 1 → R(X); N LINES = 7
INPUT 1
INP 1
69
BUS
→ M(R(X)); BUS → D; N LINES = 1
INPUT 2
INP 2
6A
BUS
→ M(R(X)); BUS → D; N LINES = 2
INPUT 3
INP 3
6B
BUS
→ M(R(X)); BUS → D; N LINES = 3
INPUT 4
INP 4
6C
BUS
→ M(R(X)); BUS → D; N LINES = 4
INPUT 5
INP 5
6D
BUS
→ M(R(X)); BUS → D; N LINES = 5
INPUT 6
INP 6
6E
BUS
→ M(R(X)); BUS → D; N LINES = 6
INPUT 7
INP 7
6F
BUS
→ M(R(X)); BUS → D; N LINES = 7
TABLE 1. INSTRUCTION SUMMARY (SEE NOTES) (Continued)
INSTRUCTION
MNEMONIC
OP
CODE
OPERATION
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com