Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1822EX Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1822EX
Description  256-Word x 4-Bit LSI Static RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1822EX Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1822EX Datasheet HTML 1Page - Intersil Corporation CDP1822EX Datasheet HTML 2Page - Intersil Corporation CDP1822EX Datasheet HTML 3Page - Intersil Corporation CDP1822EX Datasheet HTML 4Page - Intersil Corporation CDP1822EX Datasheet HTML 5Page - Intersil Corporation CDP1822EX Datasheet HTML 6Page - Intersil Corporation CDP1822EX Datasheet HTML 7Page - Intersil Corporation CDP1822EX Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-13
Operating Current
(Note 2)
IDD1
-
0, 5
5
-
4
8
-
4
8
mA
-
0, 10
10
-
8
16
-
-
-
mA
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
-
±5-
-
±5
µA
0, 10
0, 10
10
-
-
±10
-
-
-
µA
Input Capacitance
CIN
----
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
----
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. Outputs open circuited; Cycle time = 1
µs.
Dynamic Electrical Specifications At TA + -40 to +85oC, VDD ±5%, Input tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD,
CL = 100 pF
PARAMETER
TEST
CONDITIONS
LIMITS
UNITS
VDD
(V)
CD1822
CDP1822C
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
Read Cycle Times (Figure 1)
Read Cycle
tRC
5
450
-
-
450
-
-
ns
10
250
-
-
-
-
-
ns
Access from Address
tAA
5
-
250
450
-
250
450
ns
10
-
150
250
-
-
-
ns
Output Valid from Chip-Select 1
tDOA1
5
-
250
450
-
250
450
ns
10
-
150
250
-
-
-
ns
Output Valid from Chip-Select 2
tDOA2
5
-
250
450
-
250
450
ns
10
-
150
250
-
-
-
ns
Output Valid from Output Disable tDOA3
5
-
-
200
-
-
200
ns
10
-
-
110
-
-
-
ns
Output Hold from Chip-Select 1
tDOH1
520
-
-
20
-
-
ns
10
20
-
-
-
-
-
ns
Output Hold from Chip-Select 2
tDOH2
520
-
-
20
-
-
ns
10
20
-
-
-
-
-
ns
Output Hold from Output Disable tDOH3
520
-
-
20
-
-
ns
10
20
-
-
-
-
-
ns
NOTES:
1. Time required by a limit device to allow for indicated function.
2. Typical values are for TA = 25
oC and nominal V
DD.
Static Electrical Specifications
At TA = -40
oC to +85oC, Except as Noted (Continued)
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1822
CDP1822C
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
CDP1822, CDP1822C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com