Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8024 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8024_15 Datasheet HTML 5Page - Analog Devices AD8024_15 Datasheet HTML 6Page - Analog Devices AD8024_15 Datasheet HTML 7Page - Analog Devices AD8024_15 Datasheet HTML 8Page - Analog Devices AD8024_15 Datasheet HTML 9Page - Analog Devices AD8024_15 Datasheet HTML 10Page - Analog Devices AD8024_15 Datasheet HTML 11Page - Analog Devices AD8024_15 Datasheet HTML 12Page - Analog Devices AD8024_15 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD8024
–11–
REV. C
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic SOIC
(R-16A)
16
9
8
1
0.1574 (4.00)
0.1497 (3.80)
0.3937 (10.00)
0.3859 (9.80)
0.050 (1.27)
BSC
PIN 1
0.2440 (6.20)
0.2284 (5.80)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
0.0500 (1.27)
0.0160 (0.41)
0.0099 (0.25)
0.0075 (0.19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com