Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1853 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1853
Description  N-Bit 1 of 8 Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1853 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1853 Datasheet HTML 1Page - Intersil Corporation CDP1853 Datasheet HTML 2Page - Intersil Corporation CDP1853 Datasheet HTML 3Page - Intersil Corporation CDP1853 Datasheet HTML 4Page - Intersil Corporation CDP1853 Datasheet HTML 5Page - Intersil Corporation CDP1853 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-37
CDP1853, CDP1853C
Recommended Operating Conditions At TA = Full Package Temperature Range. For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges:
PARAMETER
LIMITS
UNITS
CDP1853
CDP1853C
MIN
MAX
MIN
MAX
Supply Voltage Range
4
10.5
4
6.5
V
Recommended Input Voltage Range
VSS
VDD
VSS
VDD
V
Dynamic Electrical Specifications At TA = -40 to +85oC, VDD = ±5%, VIH = 0.7VDD, VIL = 0.3VDD, tR, tF = 20ns, CL = 100pF,
Unless Otherwise Specified
PARAMETER
VDD (V)
LIMITS
UNITS
CDP1853
CDP1853C
MIN
TYP
MAX
MIN
TYP
MAX
Propagation Delay Time:
CE to Output
tEOH,
tEOL
5
-
175
275
-
175
275
ns
10
-
90
150
-
-
-
ns
N to Output
tNOH,
tNOL
5
-
225
350
-
225
350
ns
10
-
120
200
-
-
-
ns
Clock A to Output
tAO
5
-
200
300
-
200
300
ns
10
-
100
150
-
-
-
ns
Clock B to Output
tBO
5
-
175
275
-
175
275
ns
10
-
90
150
-
-
-
ns
Minimum Pulse Widths:
ns
Clock A
tCACA
5
-
50
75
-
50
75
ns
10
-
25
50
-
-
-
ns
Clock B
tCBCB
5
-
50
75
-
50
75
ns
10
-
25
50
-
-
-
ns
NOTES:
1. Maximum limits of minimum characteristics are the values above which all devices function.
2. Typical values are for TA = +25
oC and nominal voltages.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com