Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1851CD Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1851CD
Description  CMOS Programmable I/O Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1851CD Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CDP1851CD Datasheet HTML 2Page - Intersil Corporation CDP1851CD Datasheet HTML 3Page - Intersil Corporation CDP1851CD Datasheet HTML 4Page - Intersil Corporation CDP1851CD Datasheet HTML 5Page - Intersil Corporation CDP1851CD Datasheet HTML 6Page - Intersil Corporation CDP1851CD Datasheet HTML 7Page - Intersil Corporation CDP1851CD Datasheet HTML 8Page - Intersil Corporation CDP1851CD Datasheet HTML 9Page - Intersil Corporation CDP1851CD Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4-10
TABLE 1. (RA1 = 0, RA0 = 1)
(NOTE 1)
MODE SET
76543210
Input
0
0
X
Set B
Set A
X
1
1
Output
0
1
X
Set B
Set A
X
1
1
Bit-Programmable
1
1
X
Set B
Set A
X
1
1
Bidirectional
1
0
X
X
Set A
X
1
1
NOTE:
1. Modes should be set in order as shown in Table 1.
If either port is set for bit-programmable mode, the two following control bytes should immediately follow:
TABLE 2. (RA1 = 0, RA0 = 1)
76543210
Bit-Programming (Note 1)
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
STROBE/RDY I/O Control (Notes 2 - 8)
D7
D6
D5
D4
D3
D2
D1
D0
NOTES:
1. Output = 1, Input = 0
2. (D1) 0 = Port A, 1 = Port B
3. (D2) 0 = No change to RDY line function, 1 = Change per bit (D6)
4. (D3) 0 = No change to STROBE line function, 1 = Change per bit (D7)
5. (D4) RDY line output data
6. (D5) STROBE line output data
7. (D6) RDY line used as:
Output = 1
Input = 0
8. (D7) STROBE line used as:
Output = 1
Input = 0
If interrupts will be used for either bit-programmed port, the following control bytes should be loaded.
TABLE 3. (RA1 = 0, RA0 = 1)
INTERRUPT CONTROL
76543210
Logical Conditions and Mask
0
D6
D5
D4
D3
1
0
1
NOTES:
1. (D3) 0 = Port A, 1 = Port B
2. (D4) 0 = No change in mask, 1 = Mask follows (See Table 3A)
3. (D5)(D6) 0, 0 = NAND; 1, 0 = OR; 0, 1 = NOR; 1, 1 = AND
TABLE 3A. (RA1 = 0, RA0 = 1)
INTERRUPT CONTROL
76543210
Mask Register (If D4 = 1)
B7 Mask
B6 Mask
B5 Mask
B4 Mask
B3 Mask
B2 Mask
B1 Mask
B0 Mask
NOTE:
1. If Bn Mask = 1 then mask Bit (for n = 0 to 7)
CDP1851, CDP1851C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com