Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1855 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1855
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1855 Datasheet HTML 1Page - Intersil Corporation CDP1855 Datasheet HTML 2Page - Intersil Corporation CDP1855 Datasheet HTML 3Page - Intersil Corporation CDP1855 Datasheet HTML 4Page - Intersil Corporation CDP1855 Datasheet HTML 5Page - Intersil Corporation CDP1855 Datasheet HTML 6Page - Intersil Corporation CDP1855 Datasheet HTML 7Page - Intersil Corporation CDP1855 Datasheet HTML 8Page - Intersil Corporation CDP1855 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
4-47
Features
• Cascadable Up to 4 Units for 32-Bit by 32-Bit Multiply
or 64
÷ 32-Bit Divide
• 8-Bit by 8-Bit Multiply or 16
÷ 8-Bit Divide in 5.6µs at
5V or 2.8
µs at 10V
• Direct Interface to CDP1800-Series Microprocessors
• Easy Interface to Other 8-Bit Microprocessors
• Significantly Increases Throughput of Microprocessor
Used for Arithmetic Calculations
Description
The CDP1855 and CDP1855C are CMOS 8-bit multi-
ply/divide units which can be used to greatly increase the
capabilities of 8-bit microprocessors. They perform multiply
and divide operations on unsigned, binary operators. In
general, microprocessors do not contain multiply or divide
instructions and even efficiently coded multiply or divide
subroutines require considerable memory and execution
time. These multiply/divide units directly interface to the
CDP1800-series microprocessors via the N-lines and can
easily be configured to fit in either the memory or I/O space
of other 8-bit microprocessors.
The multiple/divide unit is based on a method of multiplying
by add and shift right operations and dividing by subtract and
shift left operations. The device is structured to permit cas-
cading identical units to handle operands up to 32 bits.
The CDP1855 and CDP1855C are functionally identical.
They differ in that the CDP1855 has a recommended
operating voltage range of 4V to 10.5V, and the CDP1855C,
a recommended operating voltage range of 4V to 6.5V.
The CDP1855 and CDP1855C types are supplied in a 28
lead hermetic dual-in-line ceramic package (D suffix) and in
a 28 lead dual-in-line plastic package (E suffix). The
CDP1855C is also available in chip form (H suffix).
Ordering Information
PACKAGE TEMP. RANGE
5V
10V
PKG.
NO.
PDIP
-40oC to +85oC CDP1855CE
CDP1855E E28.6
Burn-In
CDP1855CEX
-
E28.6
SBDIP
-40oC to +85oC CDP1855CD CDP1855D D28.6
Burn-In
CDP1855CDX
-
D28.6
Pinout
28 LEAD DIP
TOP VIEW
Circuit Configuration
CE
CLEAR
CTL
C.O./O.F.
YL
ZL
SHIFT
CLK
STB
RD/WE
RA2
RA1
RA0
VSS
VDD
CN1
CI
YR
ZR
BUS 6
BUS 4
BUS 3
BUS 2
BUS 1
BUS 0
CN0
BUS 7
BUS 5
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLEAR
XTAL
N0
N1
N2
TPB
MRD
CDP1802
BUS
EF
CLEAR
CLK
RA0
RA1
RA2
STB
RD/WE
CDP1855
BUS
C0
YL
ZR
CTL
YR
ZL
CE
C1
CN0
CN1
+V
FIGURE 1. MDU ADDRESSED AS I/O DEVICE
March 1997
CDP1855,
CDP1855C
8-Bit Programmable
Multiply/Divide Unit
File Number
1053.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1855

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855 Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855C INTERSIL-CDP1855C Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855CD INTERSIL-CDP1855CD Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855CDX INTERSIL-CDP1855CDX Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
CDP1855CE INTERSIL-CDP1855CE Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
More results

Similar Description - CDP1855

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C9 MOTOROLA-MC68HC05C9 Datasheet
674Kb / 21P
8-Bit Microcontroller Unit
logo
National Semiconductor ...
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
Programmable Divide-by-N 4-bit Counter
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855_1 Datasheet
191Kb / 16P
8-Bit Programmable Multiply/Divide Unit
March 1997
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
Programmable System-on-Chip (PSoC) Multiply and divide instructions
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
MULTIPLY/DIVIDE MICROCONTROLLER
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
8-Bit Programmable
logo
NXP Semiconductors
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
8-Bit Microcomputer Unit
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
8-BIT MICROPROCESSOR UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com