Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1855C Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1855C
Description  8-Bit Programmable Multiply/Divide Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855C Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1855C Datasheet HTML 1Page - Intersil Corporation CDP1855C Datasheet HTML 2Page - Intersil Corporation CDP1855C Datasheet HTML 3Page - Intersil Corporation CDP1855C Datasheet HTML 4Page - Intersil Corporation CDP1855C Datasheet HTML 5Page - Intersil Corporation CDP1855C Datasheet HTML 6Page - Intersil Corporation CDP1855C Datasheet HTML 7Page - Intersil Corporation CDP1855C Datasheet HTML 8Page - Intersil Corporation CDP1855C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
4-49
Recommended Operating Conditions At TA = Full package temperature range. For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges:
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1855
CDP1855C
MIN
MAX
MIN
MAX
DC Operating Voltage Range
-
4
10.5
4
6.5
V
Input Voltage Range
-
VSS
VDD
VSS
VDD
V
Maximum Clock Input Frequency
5
3.2
-
3.2
-
MHz
10
6.4
-
-
-
MHz
Minimum 8 x 8 Multiply (16
÷ 8 Divide) Time
5
-
5.6
-
5.6
µs
10
-
2.8
-
-
µs
FIGURE 2. BLOCK DIAGRAM OF CDP1855 AND CDP1855C
22
BUS
7
21
BUS
6
20
BUS
5
19
BUS
4
18
BUS
3
17
BUS
2
16
BUS
1
15
BUS
0
11
REGISTER
SELECT LOGIC
12
13
1
SELECT CONTROL
SELECT Z
SELECT Y
SELECT X
SELECT STATUS
X SEQUENCE
COUNTER
RESET
OUT
8
CLOCK
26
CN1
27
CN0
8
ADD/
SUBTRACT
X REGISTER
LOAD
8
SHIFT
GENERATOR
Y REGISTER
LOAD
STATUS
REG
8
8
Y SEQUENCE
COUNTER
RESET
OUT
Z SEQUENCE
COUNTER
RESET
OUT
CHIP
NO.
SHIFT
RESET
Z REGISTER
LOAD
8
SHIFT
RESET
25
3
4
5
24
6
23
LOAD
10
7
2
9
RD/WE
SHIFT
CLEAR
STB
C.I.
CTL.
C.O./O.F.
YL
YR
ZL
ZR
RA2 RA1 RA0
CE
C.O.
14
28 VDD
VSS
CDP1855, CDP1855C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com