Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1872C Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1872C
Description  High-Speed 8-Bit Input and Output Ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1872C Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1872C Datasheet HTML 1Page - Intersil Corporation CDP1872C Datasheet HTML 2Page - Intersil Corporation CDP1872C Datasheet HTML 3Page - Intersil Corporation CDP1872C Datasheet HTML 4Page - Intersil Corporation CDP1872C Datasheet HTML 5Page - Intersil Corporation CDP1872C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-76
CDP1872C,
CDP1874C, CDP1875C
High-Speed 8-Bit Input and Output Ports
Description
The CDP1872C, CDP1874C and CDP1875C devices are
high-speed 8-bit parallel input and output ports designed for
use in the CDP1800 microprocessor system and for general
use in other microprocessor systems. The CDP1872C and
CDP1874C are 8-bit input ports; the CDP1875C is an 8-bit
output port.
These devices have flexible capabilities as buffers and data
latches and are reset by CLR input when the data strobe is
not active.
The CDP1872C and CDP1874C are functionally identical
except for device selects.The CDP1872C has one active low
and one active high select; the CDP1874C has two active
high device selects. These devices also feature Three-state
outputs when deselected. Data is strobed into the register on
the leading edge of the CLOCK and latched on the trailing
edge of the CLOCK.
The CDP1875C is an output port with data latched into the
registers when the device selects are active. There are two
active high and one active low selects. The output buffers
are enabled at all times.
Features
• Parallel 8-Bit Input/Output Register with Buffered Out-
puts
• High-Speed Data-In to Data-Out 85ns (Max) at VDD = 5V
• Flexible Applications In Microprocessor Systems as
Buffers and Latches
• High Order Address-Latch Capability in CDP1800-
Series Microprocessor Systems
• Output Sink Current = 5mA (Min) at VDD = 5V
• Three-State Output - CDP1872C and CDP1874C
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG.
NO.
CDP1872CE
-40oC to +85oC
PDIP
E22.4
CDP1874CE
-40oC to +85oC
PDIP
E22.4
CDP1875CE
-40oC to +85oC
PDIP
E22.4
March 1997
File Number
1255.2
CDP1874C INPUT PORT
(PDIP)
TOP VIEW
1
11
10
9
8
7
6
5
3
2
4
22
12
13
14
15
16
17
18
19
21
20
DI0
DO0
DI1
D01
DI2
D02
D03
DI3
CLOCK
VSS
DI7
DI6
D06
DI5
D07
D05
DI4
D04
CLR
CS2
CS1
VDD
CDP1875C OUTPUT PORT
(PDIP)
TOP VIEW
1
11
10
9
8
7
6
5
3
2
4
22
12
13
14
15
16
17
18
19
21
20
DI0
DO0
DI1
D01
DI2
D02
D03
DI3
CS3
VSS
DI7
DI6
D06
DI5
D07
D05
DI4
D04
CLR
CS2
CS1
VDD
Pinouts
CDP1872C INPUT PORT
(PDIP)
TOP VIEW
1
11
10
9
8
7
6
5
3
2
4
22
12
13
14
15
16
17
18
19
21
20
DI0
DO0
DI1
D01
DI2
D02
D03
DI3
CLOCK
VSS
DI7
DI6
D06
DI5
D07
D05
DI4
D04
CLR
CS2
CS1
VDD
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1872C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1871 INTERSIL-CDP1871 Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871A INTERSIL-CDP1871A Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871AC INTERSIL-CDP1871AC Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACD INTERSIL-CDP1871ACD Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
CDP1871ACDX INTERSIL-CDP1871ACDX Datasheet
56Kb / 10P
CMOS Keyboard Encoder
August 1996
More results

Similar Description - CDP1872C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
8-BIT INPUT/OUTPUT PORT
logo
National Semiconductor ...
MM82PC12 NSC-MM82PC12 Datasheet
189Kb / 8P
8-Bit Input/Output Port
logo
KODENSHI_AUK CORP.
KK74AC164 KODENSHI-KK74AC164 Datasheet
269Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
KK74ACT164 KODENSHI-KK74ACT164 Datasheet
572Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC164 IKSEMICON-IN74AC164 Datasheet
190Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
IN74ACT164 IKSEMICON-IN74ACT164 Datasheet
248Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
Synaptics Incorporated.
CX20632 CONEXANT-CX20632 Datasheet
678Kb / 2P
Multiple input/output retaskable ports
logo
Freescale Semiconductor...
MC9S12DG128CFUER FREESCALE-MC9S12DG128CFUER Datasheet
2Mb / 128P
8-bit and 4-bit ports with interrupt functionality
logo
Marki Microwave
EQ6-26 MARKIMICROWAVE-EQ6-26 Datasheet
850Kb / 4P
Matched 50 Ohm Impedance on Input and Output Ports
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com