Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1878C Datasheet(PDF) 13 Page - Intersil Corporation

Part # CDP1878C
Description  CMOS Dual Counter-Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1878C Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CDP1878C Datasheet HTML 5Page - Intersil Corporation CDP1878C Datasheet HTML 6Page - Intersil Corporation CDP1878C Datasheet HTML 7Page - Intersil Corporation CDP1878C Datasheet HTML 8Page - Intersil Corporation CDP1878C Datasheet HTML 9Page - Intersil Corporation CDP1878C Datasheet HTML 10Page - Intersil Corporation CDP1878C Datasheet HTML 11Page - Intersil Corporation CDP1878C Datasheet HTML 12Page - Intersil Corporation CDP1878C Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
4-103
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
C
Dynamic Electrical Specifications at TA = -40 to +85oC, VDD = 5V ± 5%, Input tR, tF = 10ns, CL = 50pF and 1 TTL Load
PARAMETER
SYMBOL
(NOTE 1)
MIN
(NOTE 2)
TYP
MAX
UNITS
WRITE CYCLE TIMES (See Figure 15)
Address Setup to Write
tAS
150
-
-
ns
Write Pulse Width
tWR
150
-
-
ns
Data Setup to Write
tDS
200
-
-
ns
Address Hold after Write
tAH
50
-
-
ns
Data Hold after Write
tWH
50
-
-
ns
Chip Select Setup to TPA
tCS
50
-
-
ns
NOTES:
1. Time required by a limit device to allow for the indicated function.
2. Typical values are for TA = 25
oC and nominal V
DD.
FIGURE 15. WRITE CYCLE TIMING WAVEFORMS
ADDRESS/CHIP SELECT
WRITE
TPA
DATA TO COUNTER-TIMER
tCS
tAH
tAS
tDS
tWR
tWH
CDP1878C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com