Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1879 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1879
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879 Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1879 Datasheet HTML 1Page - Intersil Corporation CDP1879 Datasheet HTML 2Page - Intersil Corporation CDP1879 Datasheet HTML 3Page - Intersil Corporation CDP1879 Datasheet HTML 4Page - Intersil Corporation CDP1879 Datasheet HTML 5Page - Intersil Corporation CDP1879 Datasheet HTML 6Page - Intersil Corporation CDP1879 Datasheet HTML 7Page - Intersil Corporation CDP1879 Datasheet HTML 8Page - Intersil Corporation CDP1879 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
4-105
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, VDD
(Voltage referenced to VSS Terminal)
CDP1879 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1879C-1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5 to VDD +0.5V
DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . .
±10mA
Device Dissipation Per Output Transistor . . . . . . . . . . . . . . . . 40mW
For TA = Full Package Temperature Range
(All Package Types)
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
60
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
50
12
Operating Temperature Range (TA)
Package Type D, H . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC
Storage Temperature Range (TSTG). . . . . . . . . . . .-65
oC to +150oC
Lead Temperature (During Soldering). . . . . . . . . . . . . . . . . . +265oC
At Distance 1/16
±1/32 in. (1.59 ± 0.79mm) From Case for 10s Max
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions at TA = FuIl Package-Temperature Range, Unless Otherwise specified. For maximum reliability, operating con-
ditions should be selected so that operation Is always within the following ranges:
PARAMETER
LIMITS
UNITS
CDP1879
CDPl879C-1
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input Voltage Range
VSS
VDD
VSS
VDD
V
DC Standby (Timekeeping) Voltage (Note 1),
VSTBY
TA = -40
oC to +85oC (Note 2)
3
-
3
-
V
TA = 0
o to +70oC
2.5
-
2.5
V
Clock Input Rise or Fall Time,
tR, tF
VDD = 5V
-
10
-
10
µs
VDD = 10V
-
1
-
-
µs
NOTES:
1. Timekeeping function only, no READ/WRITE accesses, 32kHz external frequency source only, no crystal operation.
2. See Standby (Timekeeping) Voltage Operation.
CDP1879, CDP1879C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com