Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1882 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1882
Description  CMOS 6-Bit Latch and Decoder Memory Interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1882 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1882 Datasheet HTML 1Page - Intersil Corporation CDP1882 Datasheet HTML 2Page - Intersil Corporation CDP1882 Datasheet HTML 3Page - Intersil Corporation CDP1882 Datasheet HTML 4Page - Intersil Corporation CDP1882 Datasheet HTML 5Page - Intersil Corporation CDP1882 Datasheet HTML 6Page - Intersil Corporation CDP1882 Datasheet HTML 7Page - Intersil Corporation CDP1882 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-3
Input Leakage Current
IIN
Any
Input
0, 5
5
-
-
±1-
-
±1
µA
0, 10
10
-
-
±2-
-
-
µA
Operating Current
(Note 2)
IDD1
0, 5
0, 5
5
-
-
2
-
-
2
mA
0, 10
0, 10
10
-
-
4
-
-
-
mA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
Minimum Data
Retention Voltage
VDR
VDD = VDR
-
2
2.4
-
2
2.4
V
Data Retention Current
IDR
VDD = 2.4V
-
0.01
1
-
0.5
5
µA
NOTES:
1. Typical values are for TA = +25
oC.
2. IOL = IOH = 1µA.
3. Operating current measured at 200kHz for VDD = 5V and 400kHz for VDD = 10V, with outputs open circuits (equivalent to typical CDP1800
system at 3.2MHz, 5V; and 6.4MHz, 10V).
FIGURE 1. FUNCTIONAL DIAGRAM FOR THE CDP1881C
FIGURE 2. FUNCTIONAL DIAGRAM FOR THE CDP1882,
CDP1882C
Static Electrical Specifications
At TA = -40
oC to +85oC, V
DD ± 5%, Except as Noted:
(Continued)
PARAMETER
SYMBOL
CONDITIONS
CDP1882
CDP1881C, CDP1882C
UNITS
VO
(V)
VIN
(V)
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
19
18
17
16
15
14
13
12
20
10
D
C
Q
D
C
Q
D
C
Q
D
C
Q
D
C
Q
Q
D
C
Q
Q
7
6
5
4
3
2
1
8
9
11
MA0
MA1
MA2
MA3
MA4
MA5
CLOCK
MRD
MWR
CE
A8
A9
A10
A11
CS0
CS1
CS2
CS3
VDD =
VSS =
17
16
15
14
13
12
11
10
18
9
D
C
Q
D
C
Q
D
C
Q
D
C
Q
D
C
Q
Q
D
C
Q
Q
7
6
5
4
3
2
1
8
MA0
MA1
MA2
MA3
MA4
MA5
CLOCK
CE
A8
A9
A10
A11
CS0
CS1
CS2
CS3
VDD =
VSS =
CDP1881C, CDP1882, CDP1882C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com