Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1871 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1871
Description  CMOS Keyboard Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1871 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1871 Datasheet HTML 1Page - Intersil Corporation CDP1871 Datasheet HTML 2Page - Intersil Corporation CDP1871 Datasheet HTML 3Page - Intersil Corporation CDP1871 Datasheet HTML 4Page - Intersil Corporation CDP1871 Datasheet HTML 5Page - Intersil Corporation CDP1871 Datasheet HTML 6Page - Intersil Corporation CDP1871 Datasheet HTML 7Page - Intersil Corporation CDP1871 Datasheet HTML 8Page - Intersil Corporation CDP1871 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-68
CDP1871A, CDP1871AC
Absolute Maximum Ratings
Thermal Information
(All Voltages Referenced to VSS Terminal)
CDP1871A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1871AC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
60
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
50
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
60
18
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E and Q . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
± 1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions At TA = -40 to +85oC. For maximum reliability, operating conditions should be selected
so that operation is always within the following ranges:
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1871AD, CDP1871AE
CDP1871ACD, CDP1871ACE
MIN
MAX
MIN
MAX
Supply Voltage Range
4
10.5
4
6.5
V
Recommended Input Voltage
Range
VSS
VDD
VSS
VDD
V
Clock Input Frequency, TPB
(Keyboard Capacitance = 200 pF)
fCL
5
DC
0.4
DC
0.4
MHz
10
DC
0.8
-
-
MHz
NOTE:
1. Printed-circuit board mount: 57mm x 57mm minimum area x 1.6mm thick G10 epoxy glass, or equivalent.
Static Electrical Specifications At TA = -40 to +85oC, Unless Otherwise Specified
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1871AD
CDP1871AE
CDP1871ACD
CDP1871ACE
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX
Quiescent Device
Current
IDD
-
0.5
5
-
0.1
50
-
1
200
µA
-
0, 10
10
-
1
200
-
-
-
µA
Output Low Drive (Sink)
Current (Except Debounce
and D1-D11)
IOL
0.4
0, 5
5
0.5
1
-
0.5
1
-
mA
0.5
0, 10
10
1
2
-
-
-
-
mA
Debounce
IOL
0.4
0, 5
5
0.75
1.5
-
0.75
1.5
-
mA
0.5
0, 10
10
1
2
-
-
-
-
mA
D1-D11
IOL
0.4
0, 5
5
0.05
0.1
-
0.05
0.1
-
mA
0.5
0, 10
10
0.1
0.2
-
-
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com