Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1883CE Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1883CE
Description  CMOS 7-Bit Latch and Decoder Memory Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1883CE Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1883CE Datasheet HTML 1Page - Intersil Corporation CDP1883CE Datasheet HTML 2Page - Intersil Corporation CDP1883CE Datasheet HTML 3Page - Intersil Corporation CDP1883CE Datasheet HTML 4Page - Intersil Corporation CDP1883CE Datasheet HTML 5Page - Intersil Corporation CDP1883CE Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-132
Signal Descriptions/Pin Functions
CLOCK: Latch Input Control - a high on the clock input will
allow data to pass through the latch to the output pin. Data is
latched on the high-to-low transition of the clock input. This
pin is connected to TPA in CDP1800-series systems and tied
to VDD for other applications.
MA0 - MA4: Address inputs to the high-byte address
latches.
MA5 - MA6: High byte address inputs decoded to produce
chip selects CS0 - CS3.
CE: CHIP ENABLE input - A low on this pin will enable the
chip select decoder. A high on this pin forces CS0, CS1,
CS2, and CS3 outputs to a high (false) state.
A8 - A12: Latched high-byte address outputs.
CS0 - CS3: One of four latched and decoded Chip Select
outputs.
VDD, VSS: Power and ground pins, respectively.
Application Information
The CDP1883 and CDP1883C can be interfaced, without
external components, with CDP1800-series microprocessor
systems. These microprocessors feature a multiplexed
address bus and provide an address latch signal (TPA) that
is used as the clock input of the CDP1883. See Figure 2 and
Figure 3.
This signal is used to latch 7 bits of the high-order address.
The lower five high-order address inputs are latched and
held to be used with the eight lower-order address inputs to
access an 8K x 8-bit memory. The two upper high-order
address inputs are latched and decoded for use as chip
selects.
The latched address and decoding functions of the
CDP1883 and CDP1883C allow them to operate with 32K-
byte memory systems. In addition, smaller memory systems
can be configured with 4K x 8-bit or smaller memories, or a
mix of memory sizes up to 8K x 8-bit.
TRUTH TABLE
INPUTS
OUTPUTS
CE
CLK
MA5
MA6
CS0
CS1
CS2
CS3
01000111
01101011
01011101
01111110
0
0
X
X
Previous State
1
X
X
X
1111
TRUTH TABLE
INPUTS
OUTPUTS
CE
CLK
MA0 - 4
A8 - A12
X1
1
1
X1
0
0
X
0
X
Previous State
X = Don’t Care
Dynamic Electrical Specifications TA = -40oC to +85oC, VDD ± 5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF.
See Figure 1
PARAMETER
VDD
(V)
CDP1883
CDP1883C
UNITS
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
Minimum Setup Time,
Memory Address to CLOCK
tMACL
5
-
10
35
-
10
35
ns
10
-
8
25
-
-
-
ns
Minimum Hold Time,
Memory Address After CLOCK
tCLMA
5
-
825
-
825
ns
10
-
8
25
-
-
-
ns
Minimum CLOCK Pulse Width
tCLCL
5
-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
PROPAGATION DELAY TIMES
Chip Enable to Chip Select
tCECS
5
-
75
150
-
75
150
ns
10
-
45
100
-
-
-
ns
CLOCK to Chip Select
tCLCS
5
-
100
175
-
100
175
ns
10
-
65
125
-
-
-
ns
CDP1883, CDP1883C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com