Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP6872M Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP6872M
Description  Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872M Datasheet(HTML) 1 Page - Intersil Corporation

  CDP6872M Datasheet HTML 1Page - Intersil Corporation CDP6872M Datasheet HTML 2Page - Intersil Corporation CDP6872M Datasheet HTML 3Page - Intersil Corporation CDP6872M Datasheet HTML 4Page - Intersil Corporation CDP6872M Datasheet HTML 5Page - Intersil Corporation CDP6872M Datasheet HTML 6Page - Intersil Corporation CDP6872M Datasheet HTML 7Page - Intersil Corporation CDP6872M Datasheet HTML 8Page - Intersil Corporation CDP6872M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
CDP6872
Low Power Crystal Oscillator
Description
The CDP6872 is a very low power crystal-controlled oscillators
that can be externally programmed to operate between 10kHz
and 10MHz. For normal operation it requires only the addition
of a crystal. The part exhibits very high stability over a wide
operating voltage and temperature range.
The CDP6872 also features a disable mode that switches
the output to a high impedance state. This feature is useful
for minimizing power dissipation during standby and when
multiple oscillator circuits are employed.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
CDP6872E
-40oC to +85oC
8 Lead Plastic DIP
CDP6872M
-40oC to +85oC
8 Lead Plastic SOIC (N)
CDP6872H
-40oC to +85oC
DIE
Features
• Single Supply Operation at 32kHz . . . . . . . 2.0V to 7.0V
• Operating Frequency Range. . . . . . . . 10kHz to 10MHz
• Supply Current at 32kHz . . . . . . . . . . . . . . . . . . . . . .5
µA
• Supply Current at 1MHz . . . . . . . . . . . . . . . . . . . .130
µA
• Drives 2 CMOS Loads
• Only Requires an External Crystal for Operation
Applications
• Battery Powered Circuits
• Remote Metering
• Embedded Microprocessors
• Palm Top/Notebook PC
January 1996
Pinout
CDP6872 (PDIP, SOIC)
TOP VIEW
VDD
OSC IN
OSC OUT
VSS
1
2
3
4
8
7
6
5
ENABLE
FREQ 2
FREQ 1
OUTPUT
Typical Application Circuit
32.768kHz MICROPOWER CLOCK OSCILLATOR
VDD
1
2
3
4
8
7
6
5
CDP6872
32.768kHz
CLOCK
32.768kHz
CRYSTAL
0.1
µf
File Number
4069


Similar Part No. - CDP6872M

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
286Kb / 31P
Microprocessor Unit
CDP6805E2CE INNOVASIC-CDP6805E2CE Datasheet
344Kb / 33P
Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
286Kb / 31P
Microprocessor Unit
CDP6805E2CQ INNOVASIC-CDP6805E2CQ Datasheet
344Kb / 33P
Microprocessor Unit
CDP6805E2E INNOVASIC-CDP6805E2E Datasheet
286Kb / 31P
Microprocessor Unit
More results

Similar Description - CDP6872M

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LXOM STATEK-LXOM Datasheet
58Kb / 2P
Low Power Crystal Oscillator
DQXO-3 STATEK-DQXO-3 Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LQXO-4 STATEK-LQXO-4 Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXO-AT STATEK-LXO-AT Datasheet
58Kb / 2P
Low Power Crystal Oscillator
LXOM-AT STATEK-LXOM-AT Datasheet
57Kb / 2P
Low Power Crystal Oscillator
LXO STATEK-LXO Datasheet
73Kb / 2P
Low Power Crystal Oscillator
LXO1 STATEK-LXO1_08 Datasheet
106Kb / 2P
Low Power Crystal Oscillator
LXOM STATEK-LXOM_10 Datasheet
117Kb / 2P
Low Power Crystal Oscillator
LXOAT STATEK-LXOAT Datasheet
116Kb / 2P
Low Power Crystal Oscillator
logo
EUROQUARTZ limited
LXOAT EUROQUARTZ-LXOAT Datasheet
122Kb / 1P
Low Power Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com