Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS191D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCTS191D
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS191D Datasheet(HTML) 1 Page - Intersil Corporation

  HCTS191D Datasheet HTML 1Page - Intersil Corporation HCTS191D Datasheet HTML 2Page - Intersil Corporation HCTS191D Datasheet HTML 3Page - Intersil Corporation HCTS191D Datasheet HTML 4Page - Intersil Corporation HCTS191D Datasheet HTML 5Page - Intersil Corporation HCTS191D Datasheet HTML 6Page - Intersil Corporation HCTS191D Datasheet HTML 7Page - Intersil Corporation HCTS191D Datasheet HTML 8Page - Intersil Corporation HCTS191D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
580
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS191DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCTS191KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCTS191D/Sample
+25oC
Sample
16 Lead SBDIP
HCTS191K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCTS191HMSR
+25oC
Die
Die
HCTS191MS
Radiation Hardened
Synchronous 4-Bit Up/Down Counter
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE
(SBDIP) MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
(FLATPACK) MIL-STD-1835 CDFP4-F16
TOP VIEW
TRUTH TABLE
FUNCTION
PL
CE
U/D
CP
Count Up
H
L
L
Count Down
H
L
H
Asynchronous Preset
L
X
X
X
No Change
H
H
X
X
H = High Level, L = Low Level, X = Immaterial
= Transition from low to high
NOTE: U/D or CE should be changed only when CLOCK (CP)
is high.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q1
Q0
CE
U/D
Q2
GND
Q3
CP
RC
TC
PL
P2
P0
P1
VCC
P3
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Q1
Q0
CE
U/D
Q2
GND
Q3
P1
CP
RC
TC
PL
P2
P0
VCC
P3
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity 2 x 10-9 Errors/Bit Day
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA @ VOL, VOH
Description
The Intersil HCTS191MS is a Radiation Hardened asynchro-
nously presettable 4 bit binary up/down synchronous counter.
Presetting the counter to the number on the preset data inputs
(P0 - P3) is accomplished by a low asynchronous parallel load
input (PL). Counting occurs when PL is high, Count Enable (CE)
is low, and the Up/Down (U/D) input is either low for up-counting
or high for down-counting. The counter is incremented or decre-
mented synchronously with the low-to-high transition of the clock.
When an overflow or underflow of the counter occurs, the
Terminal Count output (TC), which is low during counting, goes
high and remains high for one clock cycle. This output can be
used for look-ahead carry in high speed cascading. The TC
output also initiates the Ripple Clock output (RC) which, normally
high, goes low and remains low for the low-level portion of the
clock pulse. These counter can be cascaded using the Ripple
Carry output.
The HCTS191MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS191MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518621
File Number
2250.2


Similar Part No. - HCTS191D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCTS191D RENESAS-HCTS191D Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Intersil Corporation
HCTS191D/SAMPLE INTERSIL-HCTS191D/SAMPLE Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191DMSR INTERSIL-HCTS191DMSR Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Renesas Technology Corp
HCTS191DMSR RENESAS-HCTS191DMSR Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results

Similar Description - HCTS191D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS161MS INTERSIL-ACS161MS Datasheet
98Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS190MS INTERSIL-HCS190MS Datasheet
121Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCS193MS INTERSIL-HCS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS190MS INTERSIL-HCTS190MS Datasheet
157Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS INTERSIL-HCTS193MS Datasheet
158Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS INTERSIL-HCTS191MS Datasheet
167Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS193MS RENESAS-HCS193MS Datasheet
486Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS191MS RENESAS-HCTS191MS Datasheet
510Kb / 10P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
HCTS193MS RENESAS-HCTS193MS Datasheet
485Kb / 9P
Radiation Hardened Synchronous 4-Bit Up/Down Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com