Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRE160D Datasheet(PDF) 3 Page - Intersil Corporation

Part # FRE160D
Description  41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRE160D Datasheet(HTML) 3 Page - Intersil Corporation

  FRE160D Datasheet HTML 1Page - Intersil Corporation FRE160D Datasheet HTML 2Page - Intersil Corporation FRE160D Datasheet HTML 3Page - Intersil Corporation FRE160D Datasheet HTML 4Page - Intersil Corporation FRE160D Datasheet HTML 5Page - Intersil Corporation FRE160D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-39
Post-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TYPE
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source
Breakdown Volts
(Note 4,6)
BVDSS
FRE160D, R
VGS = 0, ID = 1mA
100
-
V
(Note 5,6)
BVDSS
FRE160H
VGS = 0, ID = 1mA
95
-
V
Gate-Source
Threshold Volts
(Note 4,6)
VGS(th)
FRE160D, R
VGS = VDS, ID = 1mA
2.0
4.0
V
(Note 3,5,6)
VGS(th)
FRE160H
VGS = VDS, ID = 1mA
1.5
4.5
V
Gate-Body
Leakage Forward
(Note 4,6)
IGSSF
FRE160D, R
VGS = 20V, VDS = 0
-
100
nA
(Note 5,6)
IGSSF
FRE160H
VGS = 20V, VDS = 0
-
200
nA
Gate-Body
Leakage Reverse
(Note 2,4,6)
IGSSR
FRE160D, R
VGS = -20V, VDS = 0
-
100
nA
(Note 2,5,6)
IGSSR
FRE160H
VGS = -20V, VDS = 0
-
200
nA
Zero-Gate Voltage
Drain Current
(Note 4,6)
IDSS
FRE160D, R
VGS = 0, VDS = 80V
-
25
µA
(Note 5,6)
IDSS
FRE160H
VGS = 0, VDS = 80V
-
100
µA
Drain-Source
On-State Volts
(Note 1,4,6)
VDS(on)
FRE160D, R
VGS = 10V, ID = 41A
-
2.15
V
(Note 1,5,6)
VDS(on)
FRE160H
VGS = 16V, ID = 41A
-
3.23
V
Drain-Source
On Resistance
(Note 1,4,6)
RDS(on)
FRE160D, R
VGS = 10V, ID = 26A
-
.050
Ω
(Note 1,5,6)
RDS(on)
FRE160H
VGS = 14V, ID = 26A
-
.075
Ω
NOTES:
1. Pulse test, 300
µs max
2. Absolute value
3. Gamma = 300KRAD(Si)
4. Gamma = 10KRAD(Si) for “D”, 100KRAD(Si) for “R”. Neutron = 3E13
5. Gamma = 1000KRAD(Si). Neutron = 3E13
6. Insitu Gamma bias must be sampled for both VGS = +10V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS
7. Gamma data taken 6/11/89 on TA 17661 devices by GE ASTRO SPACE; EMC/SURVIVABILITY LABORATORY; KING OF PRUSSIA,
PA 19401
8. Single event drain burnout testing by Titus, J.L., et al of NWSC, Crane, IN at Brookhaven Nat. Lab. Dec 11-14, 1989
9. Neutron derivation, INTERSIL Application note AN-8831, Oct. 1988
FRE160D, FRE160R, FRE160H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com