Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRE460H Datasheet(PDF) 4 Page - Intersil Corporation

Part # FRE460H
Description  12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRE460H Datasheet(HTML) 4 Page - Intersil Corporation

  FRE460H Datasheet HTML 1Page - Intersil Corporation FRE460H Datasheet HTML 2Page - Intersil Corporation FRE460H Datasheet HTML 3Page - Intersil Corporation FRE460H Datasheet HTML 4Page - Intersil Corporation FRE460H Datasheet HTML 5Page - Intersil Corporation FRE460H Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-4
Typical Performance Characteristics
FRE460D, FRE460R, FRE460H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com