Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWP2-30-7240-T-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AWP2-30-7240-T-R
Description  IDC-Socket, Pitch 2.0MM, 30 Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWP2-30-7240-T-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AWP2-30-7240-T-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35.25MM±0.2MM
35.25MM±0.2MM
28.0MM±0.1MM
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AWP2-30-7240-T-R
IDC-Socket, Pitch 2.0MM, 30 Contacts
Central Guide Lug w/o Strain Relief, Gold Flash
Complaint
RoHS
rev00


Similar Part No. - AWP2-30-7240-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP2-30-7241-T-R ASSMANN-AWP2-30-7241-T-R Datasheet
72Kb / 1P
IDC-Socket - 2.00MM Pitch,
More results

Similar Description - AWP2-30-7240-T-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Assmann Electronics Inc...
AWP2-12-7240-T-R ASSMANN-AWP2-12-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 12 Contacts
AWP2-34-7240-T-R ASSMANN-AWP2-34-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 34 Contacts
AWP2-24-7240-T-R ASSMANN-AWP2-24-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 24 Contacts
AWP2-64-7240-T-R ASSMANN-AWP2-64-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 64 Contacts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com