Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC857S
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC857S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC857S_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC857S_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC857S_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
Typical Pulsed Current Gain
vs Collector Current
0.01
0.1
1
10
100
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
300
0
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
25
°C
- 40
°C
125
°C
= 10
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
300
0
0.2
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRENT (mA)
C
= 10
25
°C
- 40
°C
125
°C
Base Emitter ON Voltage vs
Collector Current
0.1
1
10
100 200
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V = 5V
CE
25
°C
- 40
°C
125
°C
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
70
75
80
85
90
95
RESISTANCE (kΩ)
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIENT TEMPERATURE ( C)
A
°
V
= 50V
CB
B
PNP Transistors
BC857S (KC857S)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com