Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1003GS Datasheet(PDF) 8 Page - NEC

Part # UPB1003GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1003GS Datasheet(HTML) 8 Page - NEC

Back Button UPB1003GS Datasheet HTML 4Page - NEC UPB1003GS Datasheet HTML 5Page - NEC UPB1003GS Datasheet HTML 6Page - NEC UPB1003GS Datasheet HTML 7Page - NEC UPB1003GS Datasheet HTML 8Page - NEC UPB1003GS Datasheet HTML 9Page - NEC UPB1003GS Datasheet HTML 10Page - NEC UPB1003GS Datasheet HTML 11Page - NEC UPB1003GS Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
8
µµµµPB1005K
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
13
VCC
(divider block)
2.7 to 3.3
Supply voltage pin of
prescalers.
14
LOout
2.08
Monitor pin of comparison
frequency at phase detector.
15
GND
(divider block)
0
Ground pin of prescalers +
LOout amplifier
13
15
1st
LO
OSC
÷25
÷8
IF
MIX
PD
PD
÷2
Ref.
14
16
N.C.

Non connection

17
REFin
1.96
Input pin of reference frequency.
This pin should be equipped
with external 16.368 MHz
oscillator (example: TCXO).
18
N.C.

Non connection
19
VCC
(reference
block)
2.7 to 3.3
Supply voltage pin of
input/output amplifiers in
reference block.
20
REFout
1.65
Output pin of reference
frequency. The frequency from
pin 17 can be took out as 1 VP-P
swing.
19
17
15
20
PD
21
N.C.

Non connection

22
2ndIFout
1.56
Output pin of 2nd IF amplifier.
This pin output 4.092 MHz
clipped sinewave.
This pin should be equipped
with external inverter to adjust
level to next stage on user’s
system.
23
VCC
(2ndIF-AMP)
2.7 to 3.3
Supply voltage pin of 2nd IF
amplifier.
24
2ndIF bypass
2.30
Bypass pin of 2nd IF amplifier
input 1. This pin should be
grounded through capacitor.
25
2ndIFin2
2.35
Pin of 2nd IF amplifier input 2.
This pin should be grounded
through capacitor.
26
2ndIFin1
2.35
Pin of 2nd IF amplifier input 1.
2nd IF filter can be inserted
between pin 26 & 28.
27
GND
(2ndIF-AMP)
0
Ground pin of 2nd IF amplifier.
22
23
24
26
25
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com