Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8191 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8191
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191 Datasheet(HTML) 1 Page - Analog Devices

  AD8191 Datasheet HTML 1Page - Analog Devices AD8191 Datasheet HTML 2Page - Analog Devices AD8191 Datasheet HTML 3Page - Analog Devices AD8191 Datasheet HTML 4Page - Analog Devices AD8191 Datasheet HTML 5Page - Analog Devices AD8191 Datasheet HTML 6Page - Analog Devices AD8191 Datasheet HTML 7Page - Analog Devices AD8191 Datasheet HTML 8Page - Analog Devices AD8191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4:1 HDMI/DVI Switch with Equalization
AD8191
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Four inputs, one output HDMI™/DVI links
Four TMDS channels per link
Supports 250 Mbps to 1.65 Gbps data rates
Supports 25 MHz to 165 MHz pixel clocks
Equalized inputs for operation with long HDMI cables
(20 meters at 1080p)
Fully buffered unidirectional inputs/outputs
Globally switchable, 50 Ω on-chip terminations
Pre-emphasized outputs
Low added jitter
Single-supply operation (3.3 V)
Four auxiliary channels per link
Bidirectional unbuffered inputs/outputs
Flexible supply operation (3.3 V to 5 V)
HDCP standard compatible
Allows switching of DDC bus and two additional signals
Multiple channel bundling modes
1x (4:1) HDMI/DVI link switch (default)
2x (8:1) TMDS channel and auxiliary signal switch
1x (16:1) TMDS channel and auxiliary signal switch
Output disable feature
Reduced power dissipation
Removable output termination
Allows building of larger arrays
Two AD8191s support HDMI/DVI dual-link
Standards compatible: HDMI receiver, DVI, HDCP
Serial (I2C® slave) and parallel control interface
100-lead, 14 mm × 14 mm LQFP, Pb-free package
APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets
FUNCTIONAL BLOCK DIAGRAM
LOW SPEED UNBUFFERED
HIGH SPEED
BUFFERED
AVCC
DVCC
AMUXVCC
AVEE
DVEE
VTTO
OP[3:0]
AUX_COM[3:0]
ON[3:0]
+
–
4
BIDIRECTIONAL
I2C_SDA
I2C_SCL
I2C_ADDR[2:0]
VTTI
VTTI
IP_A[3:0]
IN_A[3:0]
+
–
IP_B[3:0]
IN_B[3:0]
+
–
IP_C[3:0]
IN_C[3:0]
+
–
IP_D[3:0]
IN_D[3:0]
AUX_C[3:0]
AUX_B[3:0]
AUX_A[3:0]
AUX_D[3:0]
+
–
4
4
4
4
4
4
4
4
4
4
4
4
EQ
SWITCH
CORE
SWITCH
CORE
CONTROL
LOGIC
CONFIG
INTERFACE
3
2
2
SERIAL
PARALLEL
RESET
PE
4
4
AD8191
Figure 1.
TYPICAL APPLICATION
DVD PLAYER
GAME CONSOLE
SET-TOP BOX
MEDIA CENTER
HDTV SET
HDMI
RECEIVER
AD8191
01:18
Figure 2. Typical HDTV Application
GENERAL DESCRIPTION
The AD8191 is a HDMI/DVI switch featuring equalized TMDS
inputs and pre-emphasized TMDS outputs, ideal for systems
with long cable runs. Outputs can be set to a high impedance
state to reduce the power dissipation and/or allow the construc-
tion of larger arrays using the wire-OR technique. Flexible
channel bundling modes (for both the TMDS channels and the
auxiliary signals) allow the AD8191 to be configured as a 4:1 single
HDMI/DVI link switch, a dual 8:1 switch, or a single 16:1 switch.
The AD8191 is provided in a 100-lead LQFP, Pb-free, surface
mount package specified to operate over the −40°C to +85°C
temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 1.65 Gbps, enabling 1080p HDMI
formats and UXGA (1600 × 1200) DVI resolutions.
2.
Input cable equalizer enables use of long cables at the input
(more than 20 meters of 24 AWG cable at 1080p).
3.
Auxiliary switch routes a DDC bus and two additional signals
for a single-chip, HDMI 1.2a receive-compliant solution.


Similar Part No. - AD8191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8191 AD-AD8191 Datasheet
975Kb / 32P
4:1 HDMI/DVI Switch with Equalization
10/06-Revision 0
AD8191-EVAL AD-AD8191-EVAL Datasheet
975Kb / 32P
4:1 HDMI/DVI Switch with Equalization
10/06-Revision 0
AD8191A AD-AD8191A Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A-EVALZ1 AD-AD8191A-EVALZ1 Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Similar Description - AD8191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8191 AD-AD8191 Datasheet
975Kb / 32P
4:1 HDMI/DVI Switch with Equalization
10/06-Revision 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
4:1 HDMI/DVI Switch with Equalization
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
4:1 HDMI/DVI Switch with Equalization
1/08-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com