Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8196 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8196
Description  2:1 HDMI/DVI Switch with Equalization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8196 Datasheet HTML 3Page - Analog Devices AD8196 Datasheet HTML 4Page - Analog Devices AD8196 Datasheet HTML 5Page - Analog Devices AD8196 Datasheet HTML 6Page - Analog Devices AD8196 Datasheet HTML 7Page - Analog Devices AD8196 Datasheet HTML 8Page - Analog Devices AD8196 Datasheet HTML 9Page - Analog Devices AD8196 Datasheet HTML 10Page - Analog Devices AD8196 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8196
Rev. 0 | Page 7 of 24
Pin No.
Mnemonic
Type1
Description
34
IN_B1
HS I
High Speed Input Complement.
35
IP_B1
HS I
High Speed Input.
37
IN_B2
HS I
High Speed Input Complement.
38
IP_B2
HS I
High Speed Input.
40
IN_B3
HS I
High Speed Input Complement.
41
IP_B3
HS I
High Speed Input.
43
AUX_B3
LS I/O
Low Speed Input/Output.
44
AUX_B2
LS I/O
Low Speed Input/Output.
45
AUX_B1
LS I/O
Low Speed Input/Output.
46
AUX_B0
LS I/O
Low Speed Input/Output.
47
AMUXVCC
Power
Positive Auxiliary Switch Supply. 5 V typical.
48
AUX_COM3
LS I/O
Low Speed Common Input/Output.
49
AUX_COM2
LS I/O
Low Speed Common Input/Output.
50
AUX_COM1
LS I/O
Low Speed Common Input/Output.
51
AUX_COM0
LS I/O
Low Speed Common Input/Output.
52
DVEE
Power
Negative Digital and Auxiliary Switch Power Supply. 0 V nominal.
53
AUX_A3
LS I/O
Low Speed Input/Output.
54
AUX_A2
LS I/O
Low Speed Input/Output.
55
AUX_A1
LS I/O
Low Speed Input/Output.
56
AUX_A0
LS I/O
Low Speed Input/Output.
1 HS = high speed, LS = low speed, I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com