Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8302 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 2 Page - Analog Devices

  AD8302 Datasheet HTML 1Page - Analog Devices AD8302 Datasheet HTML 2Page - Analog Devices AD8302 Datasheet HTML 3Page - Analog Devices AD8302 Datasheet HTML 4Page - Analog Devices AD8302 Datasheet HTML 5Page - Analog Devices AD8302 Datasheet HTML 6Page - Analog Devices AD8302 Datasheet HTML 7Page - Analog Devices AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. A
–2–
AD8302–SPECIFICATIONS (T
A = 25 C, VS = 5 V, VMAG shorted to MSET, VPHS shorted to PSET, 52.3
shunt
resistors connected to INPA and INPB, for Phase measurement PINPA = PINPB, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Input Frequency Range
>0
2700
MHz
Gain Measurement Range
PIN at INPA, PIN at INPB = –30 dBm
±30
dB
Phase Measurement Range
φ
IN at INPA >
φ
IN at INPB
±90
Degree
Reference Voltage Output
Pin VREF, –40
°C ≤ T
A
≤ +85°C
1.72
1.8
1.88
V
INPUT INTERFACE
Pins INPA and INPB
Input Simplified Equivalent Circuit
To AC Ground, f
≤ 500 MHz
3 2k
Ω pF
Input Voltage Range
AC-Coupled (0 dBV = 1 V rms)
–73
–13
dBV
re: 50
Ω
–60
0
dBm
Center of Input Dynamic Range
–43
dBV
–30
dBm
MAGNITUDE OUTPUT
Pin VMAG
Output Voltage Minimum
20
× Log (V
INPA/VINPB) = –30 dB
30
mV
Output Voltage Maximum
20
× Log (V
INPA/VINPB) = +30 dB
1.8
V
Center Point of Output (MCP)
VINPA = VINPB
900
mV
Output Current
Source/Sink
8
mA
Small Signal Envelope Bandwidth
Pin MFLT Open
30
MHz
Slew Rate
40 dB Change, Load 20 pF 10 k
Ω
25
V/
µs
Response Time
Rise Time
Any 20 dB Change, 10%–90%
50
ns
Fall Time
Any 20 dB Change, 90%–10%
60
ns
Settling Time
Full-Scale 60 dB Change, to 1% Settling
300
ns
PHASE OUTPUT
Pin VPHS
Output Voltage Minimum
Phase Difference 180 Degrees
30
mV
Output Voltage Maximum
Phase Difference 0 Degrees
1.8
V
Phase Center Point
When
φ
INPA =
φ
INPB
±90°
900
mV
Output Current Drive
Source/Sink
8
mA
Slew Rate
25
V/
µs
Small Signal Envelope Bandwidth
30
MHz
Response Time
Any 15 Degree Change, 10%–90%
40
ns
120 Degree Change CFILT = 1 pF, to 1% Settling
500
ns
100 MHz
MAGNITUDE OUTPUT
Dynamic Range
±1 dB Linearity P
REF = –30 dBm (VREF = –43 dBV)
58
dB
±0.5 dB Linearity P
REF = –30 dBm (VREF = –43 dBV)
55
dB
±0.2 dB Linearity P
REF = –30 dBm (VREF = –43 dBV)
42
dB
Slope
From Linear Regression
29
mV/dB
Deviation vs. Temperature
Deviation from Output at 25
°C
–40
°C ≤ T
A
≤ +85°C, P
INPA = PINPB = –30 dBm
0.25
dB
Deviation from Best Fit Curve at 25
°C
–40
°C ≤ T
A
≤ +85°C, P
INPA =
±25 dB, P
INPB = –30 dBm
0.25
dB
Gain Measurement Balance
PINPA = PINPB = –5 dBm to –50 dBm
0.2
dB
PHASE OUTPUT
Dynamic Range
Less than
±1 Degree Deviation from Best Fit Line
145
Degree
Less than 10% Deviation in Instantaneous Slope
143
Degree
Slope (Absolute Value)
From Linear Regression about –90
° or +90°
10
mV/Degree
Deviation vs. Temperature
Deviation from Output at 25
°C
–40
°C ≤ T
A
≤ +85°C, Delta Phase = 90 Degrees
0.7
Degree
Deviation from Best Fit Curve at 25
°C
–40
°C ≤ T
A
≤ +85°C, Delta Phase = ±30 Degrees
0.7
Degree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com