Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8314 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8314
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8314 Datasheet HTML 5Page - Analog Devices AD8314 Datasheet HTML 6Page - Analog Devices AD8314 Datasheet HTML 7Page - Analog Devices AD8314 Datasheet HTML 8Page - Analog Devices AD8314 Datasheet HTML 9Page - Analog Devices AD8314 Datasheet HTML 10Page - Analog Devices AD8314 Datasheet HTML 11Page - Analog Devices AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8314
Rev. B | Page 9 of 20
2.3
1.7
2.7
3.5
VS (V)
2.2
2.1
2.0
1.9
1.8
2.8
2.9
3.0
3.1
3.2
3.3
3.4
0mA
2mA
4mA
6mA
Figure 22. Maximum VDN Voltage vs. VS by Load Current
VUP GND
VDN GND
VPOS AND ENABLE
2V PER
VERTICAL
DIVISION
VUP
AVERAGE: 128 SAMPLES
GND
VUP 500mV/VERTICAL
DIVISION
VUP 500mV/VERTICAL
DIVISION
1µs PER
HORIZONTAL
DIVISION
Figure 23. Power-On and Power-Off Response, Measurement Mode
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
HP8116A
PULSE
GENERATOR
10MHz REF OUTPUT
NC = NO CONNECT
NC
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
TEK P6204
FET PROBE
TEK P6204
FET PROBE
PULSE
OUT
TRIG
52.3Ω
–33dBV
HP8648B
SIGNAL
GENERATOR
EXT TRIG
49.9Ω
732Ω
AD811
Figure 24. Test Setup for Power-On and Power-Off Response
2.3
1.7
2.7
3.5
VS (V)
2.2
2.1
2.0
1.9
1.8
2.8
2.9
3.0
3.1
3.2
3.3
3.4
SHADING INDICATES
±3 SIGMA
Figure 25. Maximum VDN Voltage vs. VS with 3 mA Load
100ns PER
HORIZONTAL
DIVISION
200mV PER
VERTICAL
DIVISION
VDN
AVERAGE: 128 SAMPLES
2V PER
VERTICAL
DIVISION
VPOS AND ENABLE
VDN GND
GND
Figure 26. Power-On Response, VDN, Controller Mode with VSET Held Low
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
HP8112A
PULSE
GENERATOR
10MHz REF OUTPUT
NC = NO CONNECT
NC
NC
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
TEK P6204
FET PROBE
PULSE
OUT
TRIG
HP8648B
SIGNAL
GENERATOR
EXT TRIG
49.9Ω
732Ω
AD811
52.3Ω
0.2
Figure 27. Test Setup for Power-On Response at V_DN Output,
Controller Mode with VSET Pin Held Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com