Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSJ260R3 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSJ260R3
Description  44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSJ260R3 Datasheet(HTML) 4 Page - Intersil Corporation

  FSJ260R3 Datasheet HTML 1Page - Intersil Corporation FSJ260R3 Datasheet HTML 2Page - Intersil Corporation FSJ260R3 Datasheet HTML 3Page - Intersil Corporation FSJ260R3 Datasheet HTML 4Page - Intersil Corporation FSJ260R3 Datasheet HTML 5Page - Intersil Corporation FSJ260R3 Datasheet HTML 6Page - Intersil Corporation FSJ260R3 Datasheet HTML 7Page - Intersil Corporation FSJ260R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-146
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
20
30
10
40
50
60
100
10
1
1
VDS , DRAIN TO SOURCE VOLTAGE (V)
10
100
300
1000
0.1
0.1
TC = 25
oC
100
µs
100ms
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
10ms
1ms
CHARGE
QGD
QG
VG
QGS
12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = 12V, ID = 28A
t, RECTANGULAR PULSE DURATION (s)
10-5
10-4
10-3
10-2
10-1
100
101
1
0.001
0.01
0.1
10
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC + TC
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
FSJ260D, FSJ260R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com