Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSPS230D1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FSPS230D1
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSPS230D1 Datasheet(HTML) 3 Page - Intersil Corporation

  FSPS230D1 Datasheet HTML 1Page - Intersil Corporation FSPS230D1 Datasheet HTML 2Page - Intersil Corporation FSPS230D1 Datasheet HTML 3Page - Intersil Corporation FSPS230D1 Datasheet HTML 4Page - Intersil Corporation FSPS230D1 Datasheet HTML 5Page - Intersil Corporation FSPS230D1 Datasheet HTML 6Page - Intersil Corporation FSPS230D1 Datasheet HTML 7Page - Intersil Corporation FSPS230D1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
VSD
ISD = 14A
-
-
1.2
V
Reverse Recovery Time
trr
ISD = 14A, dISD/dt = 100A/µs
-
-
220
ns
Reverse Recovery Charge
QRR
-
1.5
-
µC
Electrical Specifications up to 300K RAD
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
100K RAD
300K RAD
Drain to Source Breakdown Volts
(Note 3)
BVDSS
VGS = 0, ID = 1mA
200
-
200
V
Gate to Source Threshold Volts
(Note 3)
VGS(TH)
VGS = VDS, ID = 1mA
2.0
4.5
1.5
4.5
V
Gate to Body Leakage
(Notes 2, 3)
IGSS
VGS = ±30V, VDS = 0V
-
100
100
nA
Zero Gate Leakage
(Note 3)
IDSS
VGS = 0, VDS = 160V
-
25
50
µA
Drain to Source On-State Volts
(Notes 1, 3)
VDS(ON)
VGS = 12V, ID = 14A
-
2.17
2.38
V
Drain to Source On Resistance
(Notes 1, 3)
rDS(ON)12
VGS = 12V, ID = 9A
-
0.145
0.160
Ω
NOTES:
1. Pulse test, 300
µs Max.
2. Absolute value.
3. Insitu Gamma bias must be sampled for both VGS = 12V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS.
Single Event Effects (SEB, SEGR) Note 4
TEST
SYMBOL
ENVIRONMENT (NOTE 5)
APPLIED
VGS BIAS
(V)
(NOTE 6)
MAXIMUM
VDS BIAS (V)
ION
SPECIES
TYPICAL LET
(MeV/mg/cm)
TYPICAL
RANGE (
µ)
Single Event Effects Safe Operating Area
SEESOA
Br
37
36
-10
200
Br
37
36
-15
160
I
60
32
-2
200
I
60
32
-8
160
Au
82
28
0
160
Au
82
28
-5
120
NOTES:
4. Testing conducted at Brookhaven National Labs.
5. Fluence = 1E5 ions/cm2 (typical), T = 25oC.
6. Does not exhibit Single Event Burnout (SEB) or Single Event Gate Rupture (SEGR).
Performance Curves Unless Otherwise Specified
FIGURE 1. SINGLE EVENT EFFECTS SAFE OPERATING AREA
FIGURE 2. TYPICAL SEE SIGNATURE CURVE
120
80
40
0
0
-20
VGS (V)
160
LET = 60MeV/mg/cm2, RANGE = 32
µ
LET = 37MeV/mg/cm2, RANGE = 36
µ
LET = 82MeV/mg/cm2, RANGE = 28
µ
TEMP = 25oC
FLUENCE = 1E5 IONS/cm2 (TYPICAL)
200
240
-4
-8
-12
-16
LET = 82 GOLD
LET = 60 IODINE
LET = 37 BROMINE
240
200
160
120
80
40
0
-30
0
-5
-10
-15
-20
-25
VGS
FSPS230R, FSPS230F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com