Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSPS230R4 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSPS230R4
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSPS230R4 Datasheet(HTML) 5 Page - Intersil Corporation

  FSPS230R4 Datasheet HTML 1Page - Intersil Corporation FSPS230R4 Datasheet HTML 2Page - Intersil Corporation FSPS230R4 Datasheet HTML 3Page - Intersil Corporation FSPS230R4 Datasheet HTML 4Page - Intersil Corporation FSPS230R4 Datasheet HTML 5Page - Intersil Corporation FSPS230R4 Datasheet HTML 6Page - Intersil Corporation FSPS230R4 Datasheet HTML 7Page - Intersil Corporation FSPS230R4 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 9. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
FIGURE 10. UNCLAMPED INDUCTIVE SWITCHING
Performance Curves Unless Otherwise Specified (Continued)
t, RECTANGULAR PULSE DURATION (s)
10-5
10-4
10-3
10-2
10-1
100
101
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
10-3
10-2
10-1
100
101
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
0.01
10
1
0.1
1
tAV, TIME IN AVALANCHE (ms)
10
0.1
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
IF R = 0
STARTING TJ = 150
oC
IF R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
STARTING TJ = 25
oC
100
Test Circuits and Waveforms
FIGURE 11. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 12. UNCLAMPED ENERGY WAVEFORMS
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
Ω
50
Ω
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
FSPS230R, FSPS230F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com