Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSYA9150R3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSYA9150R3
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYA9150R3 Datasheet(HTML) 5 Page - Intersil Corporation

  FSYA9150R3 Datasheet HTML 1Page - Intersil Corporation FSYA9150R3 Datasheet HTML 2Page - Intersil Corporation FSYA9150R3 Datasheet HTML 3Page - Intersil Corporation FSYA9150R3 Datasheet HTML 4Page - Intersil Corporation FSYA9150R3 Datasheet HTML 5Page - Intersil Corporation FSYA9150R3 Datasheet HTML 6Page - Intersil Corporation FSYA9150R3 Datasheet HTML 7Page - Intersil Corporation FSYA9150R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
100
10
0.1
1
tAV, TIME IN AVALANCHE (ms)
10
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
IF R
≠ 0
IF R = 0
1
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
Ω
50
Ω
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
VDD
RL
VDS
DUT
RGS
0V
VGS = -12V
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
FSYA9150D, FSYA9150R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com