Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2546/883 Datasheet(PDF) 17 Page - Intersil Corporation

Part # HA2546/883
Description  Wideband Two Quadrant Analog Multiplier (Voltage Output)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2546/883 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button HA2546/883 Datasheet HTML 11Page - Intersil Corporation HA2546/883 Datasheet HTML 12Page - Intersil Corporation HA2546/883 Datasheet HTML 13Page - Intersil Corporation HA2546/883 Datasheet HTML 14Page - Intersil Corporation HA2546/883 Datasheet HTML 15Page - Intersil Corporation HA2546/883 Datasheet HTML 16Page - Intersil Corporation HA2546/883 Datasheet HTML 17Page - Intersil Corporation HA2546/883 Datasheet HTML 18Page - Intersil Corporation HA2546/883 Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
8-19
HA2546
Adjusting the scale factor will tailor the control signal, VX,
input voltage range to match your needs. Referring to the
simplified schematic and looking for the VX input stage, you
will notice the unusual design. The internal reference sets up
a 1.2mA current sink for the VX differential pair. The control
signal applied to this input will be forced across the scale
factor setting resistor and set the current flowing in the VX+
side of the differential pair. When the current through this
resistor reaches 1.2mA, all the current available is flowing in
the one side and full scale has been reached. Normally the
1.67k
Ω internal resistor sets the scale factor to 2V when the
Gain Adjust pins B and C are connected together, but you
may set this resistor to any convenient value using pins 16
(GA A) and 15 (GA C).
FIGURE 2A. MULTIPLIER, VOUT = VXVY / 2, SCALE FACTOR = 2V
FIGURE 2B. MULTIPLIER, VOUT = VXVY / 5, SCALE FACTOR = 5V
NC
NC
VY +
V-
VOUT
V+
VX +
NC
NC
50
Ω
1K
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
-
+
-
+
-
+
NC
NC
VY +
V-
VOUT
V+
VX +
NC
NC
50
Ω
1K
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
-
+
-
+
-
+
4.167K
FIGURE 3. AUTOMATIC GAIN CONTROL
In Figure 3, the HA-2546 is configured in a true Automatic
Gain Control or AGC application. The HA-5127, low noise op
amp, provides the gain control level to the X input. This level
will set the peak output voltage of the multiplier to match the
reference level. The feedback network around the HA-5127
provides stability and a response time adjustment for the
gain control circuit.
5k
Ω
10k
Ω
HA-5127
0.01
µF
10k
Ω
0.1
µF
1N914
3.3V
0.1
µF
+15V
20k
Ω
NC
NC
VY +
V-
VOUT
V+
NC
NC
50
Ω
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
-
+
-
+
-
+
-
+
Spec Number
511050-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com