Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9934-13 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9934-13
Description  8 Pin SIL Triple TTL Compatible Active Delay Lines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9934-13 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9934-13 Datasheet HTML 1Page - PCA ELECTRONICS INC. EP9934-13 Datasheet HTML 2Page - PCA ELECTRONICS INC. EP9934-13 Datasheet HTML 3Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8 Pin SIL Triple TTL Compatible Active Delay Lines
DELAY TIME
PART
DELAY TIME
±5% or ±2 nS†
NUMBER
±5% or ±2 nS†
5
EP9934-5
19
6
EP9934-6
20
7
EP9934-7
21
8
EP9934-8
22
9
EP9934-9
23
10
EP9934-10
24
11
EP9934-11
25
12
EP9934-12
30
13
EP9934-13
35
14
EP9934-14
40
15
EP9934-15
45
16
EP9934-16
50
17
EP9934-17
55
18
EP9934-18
60
PART
DELAY TIME
PART
NUMBER
±5% or ±2 nS†
NUMBER
EP9934-19
65
EP9934-65
EP9934-20
70
EP9934-70
EP9934-21
75
EP9934-75
EP9934-22
80
EP9934-80
EP9934-23
85
EP9934-85
EP9934-24
90
EP9934-90
EP9934-25
95
EP9934-95
EP9934-30
100
EP9934-100
EP9934-35
125
EP9934-125
EP9934-40
150
EP9934-150
EP9934-45
175
EP9934-175
EP993450
200
EP9934-200
EP9934-55
225
EP9934-225
EP9934-60
250
EP9934-250
†Whichever is greater.
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
115
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
115
mA
TRO Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
Package Dimensions
Schematic
DSD9934 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
12
10
14
VCC
1
3
5
7
GROUND
8
.020
Typ.
.820 Max.
.100 Typ.
.150 Min.
.015
Min.
.300 Max.
.010
Typ.
.190
Max
PCA
EP9934-5
Date Code
C
L


Similar Part No. - EP9934-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP9934-13 ETC1-EP9934-13 Datasheet
41Kb / 3P
SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EP9934-13 PCA-EP9934-13 Datasheet
47Kb / 3P
8 Pin SIL Triple TTL Compatible Active Delay Lines
More results

Similar Description - EP9934-13

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9934-5 PCA-EP9934-5 Datasheet
47Kb / 3P
8 Pin SIL Triple TTL Compatible Active Delay Lines
EPA1190-4 PCA-EPA1190-4 Datasheet
18Kb / 1P
7 Pin SIL 4 Tap TTL Compatible Active Delay Lines
EPA249-5 PCA-EPA249-5 Datasheet
30Kb / 1P
8 Pin Triple TTL Compatible Active Delay Lines
EPA600-4 PCA-EPA600-4 Datasheet
62Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EP9677 PCA-EP9677 Datasheet
19Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA2200-5 PCA-EPA2200-5 Datasheet
20Kb / 1P
8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
EP9677 PCA-EP9677_15 Datasheet
19Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA249 PCA-EPA249_15 Datasheet
30Kb / 1P
8 Pin Triple TTL Compatible Active Delay Lines
EPA600-XX PCA-EPA600-XX_15 Datasheet
62Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA2200 PCA-EPA2200_15 Datasheet
20Kb / 1P
8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com