Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW70 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW70
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW70 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW70 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BCW69~BCW70 (KCW69~KCW70)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-50
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-45
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
VCB= -20 V , IE=0
-100
nA
VCB= -20 V , IE=0,TJ=100℃
-10
uA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
nA
IC=-10 mA, IB=-0.5mA
-80
IC=-50 mA, IB=-2.5mA(Note.1)
-150
IC=-10 mA, IB=-0.5mA
-720
IC=-50 mA, IB=-2.5mA(Note.1)
-810
Base - emitter voltage
VBE
VCE= -5V, IC= -2mA
-600
-750
DC current gain
BCW69
90
BCW70
150
DC current gain
BCW69
120
260
BCW70
215
500
Collector capacitance
Cc
VCB= -10V,IE=ie=0, f=1MHz
4.5
pF
Noise figure
NF
VCE= -5V,IC=-200uA,RS=2KΩ
f=1MHz,B=200Hz
10
dB
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
Collector-base cut-off current
ICBO
mV
hFE
V
VCE= -5V, IC= -10uA
VCE= -5V, IC= -2mA
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
VBE(sat)
Note.1: Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
■
Classification of hfe(2)
Type
BCW69
BCW70
Range
120-260
215-500
Marking
H1*
H2*
-300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com