Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW70 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW70
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW70 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW70 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
BCW69~BCW70 (KCW69~KCW70)
■
Features
●
Low current (max. 100 mA)
●
Low voltage (max. 45 V).
●
NPN complements: BCW71 and BCW72.
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-50
Collector - Emitter Voltage
VCEO
-45
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-100
Peak Collector Current
ICM
-200
Peak Base Current
IBM
-200
Collector Power Dissipation
PC
250
mW
Thermal Resistance From Junction to Ambient (Note.1)
Rth(j-a)
500
K/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
mA
Note.1: Transistor mounted on an FR4 printed-circuit board.
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - BCW70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW70 PHILIPS-BCW70 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 Apr 19
logo
STMicroelectronics
BCW70 STMICROELECTRONICS-BCW70 Datasheet
38Kb / 4P
SMALL SIGNAL PNP TRANSISTORS
Mar-1996
logo
Samsung semiconductor
BCW70 SAMSUNG-BCW70 Datasheet
29Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BCW70 KEC-BCW70 Datasheet
156Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCW70 DIOTEC-BCW70 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCW70

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com