Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW71 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW71
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW71 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW71 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW71 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BCW71~BCW72 (KCW71~KCW72)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
50
Collector- emitter breakdown voltage
VCEO
Ic= 2 mA, IB= 0
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
VCB= 20 V , IE= 0
100
nA
VCB= 20 V , IE= 0,TJ=100℃
10
uA
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
nA
IC=10 mA, IB=0.5mA
120
250
IC=50 mA, IB=2.5mA
210
IC=10 mA, IB=0.5mA
750
IC=50 mA, IB=2.5mA
850
Base - emitter voltage
VBE
VCE= 5V, IC= 2mA
550
700
DC current gain
BCW71
90
BCW72
150
DC current gain
BCW71
110
220
BCW72
200
450
Collector capacitance
Cc
VCB= 10V, IE=Ie= 0,f=1MHz
2.5
pF
Noise figure
NF
IC = 200 u A; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
10
dB
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
MHz
hFE
VCE= 5V, IC= 10uA
VCE= 5V, IC= 2mA
mV
V
Collector-base cut-off current
ICBO
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
VBE(sat)
■
Classification of hfe(2)
Type
BCW71
BCW72
Range
110-220
200-450
Marking
K1*
K2*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com