Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22-LCG-T-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A22-LCG-T-R
Description  Low Cost IC Socket, Gold Version
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A22-LCG-T-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A22-LCG-T-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.07.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
Axx-LCG-x-R
Low Cost IC Socket, Gold Version
2.54mm, Straight Leg
Complaint
RoHS
rev00


Similar Part No. - A22-LCG-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A22-LCG ASSMANN-A22-LCG Datasheet
200Kb / 1P
Low Cost IC Socket, Gold Version 2.54mm, Straight Leg
More results

Similar Description - A22-LCG-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A16-LCG-T-R ASSMANN-A16-LCG-T-R Datasheet
200Kb / 1P
Low Cost IC WSockey, Gold Version 2.54mm, straight Leg
A22-LCG ASSMANN-A22-LCG Datasheet
200Kb / 1P
Low Cost IC Socket, Gold Version 2.54mm, Straight Leg
A14-LCG-T-R ASSMANN-A14-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A18-LCG-T-R ASSMANN-A18-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A20-LCG-T-R ASSMANN-A20-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A24-LCG-T-R ASSMANN-A24-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A28-LCG-T-R ASSMANN-A28-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A32-LCG-T-R ASSMANN-A32-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A40-LCG-T-R ASSMANN-A40-LCG-T-R Datasheet
296Kb / 1P
Low Cost IC Socket, Gold Version
A48-LCG-T-R ASSMANN-A48-LCG-T-R Datasheet
200Kb / 1P
LOW COST IC SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com