Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5340/883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA5340/883
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340/883 Datasheet(HTML) 4 Page - Intersil Corporation

  HA5340/883 Datasheet HTML 1Page - Intersil Corporation HA5340/883 Datasheet HTML 2Page - Intersil Corporation HA5340/883 Datasheet HTML 3Page - Intersil Corporation HA5340/883 Datasheet HTML 4Page - Intersil Corporation HA5340/883 Datasheet HTML 5Page - Intersil Corporation HA5340/883 Datasheet HTML 6Page - Intersil Corporation HA5340/883 Datasheet HTML 7Page - Intersil Corporation HA5340/883 Datasheet HTML 8Page - Intersil Corporation HA5340/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7-11
Specifications HA5340/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Hold Mode Feedthrough
VHMF
VIN = 20VP-P, 200kHz
1
+25oC
-
-70
dB
Sample Mode Noise
Voltage
En(SAMPLE)
DC to 10MHz, VS/H = 0V,
RLOAD = 2K
1
+25oC
-
335
µV
RMS
Hold Mode Noise
Voltage
En(HOLD)
DC to 10MHz, VS/H = 5V,
RLOAD = 2K
1
+25oC
-
100
µV
RMS
Input Capacitance
CIN
VS/H = 0V
1
+25oC-
5
pF
Input Resistance
RIN
VS/H = 0V, Delta VIN = 20V
1
+25oC1
-
M
Ω
0.1% Acquisition Time
TACQ 0.1%
CL = 60pF, RL = 2K, VOUT = 0V
to 10V Step
1
+25oC
-
600
ns
Total Harmonic
Distortion Hold Mode
THD200K(HOLD)
FS = 450kHz,
VIN = 20VP-P, 200kHz
1
+25oC
-
-50
dBc
THD500K(HOLD)
FS = 450kHz,
VIN = 5VP-P, 500kHz
1
+25oC
-
-47
dBc
Total Harmonic
Distortion Sample Mode
THD200K(SAMPLE)
VIN = 20VP-P, 200kHz
1
+25oC
-
-60
dBc
THD500K(SAMPLE)
VIN = 5VP-P, 500kHz
1
+25oC
-
-49
dBc
NOTE:
1. The parameters listed in this table are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design release and upon design changes which would affect these characteristics.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
-
Final Electrical Test Parameters
1(Note 1), 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only. No other subgroups are included in PDA.
CAUTION: These devices are sensitive to electronic discharge. Proper IC handling procedures should be followed.
Spec Number
511117-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com