Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5503C Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5503C
Description  Unbalanced PBX/Key System SLIC, Subscriber Line Interface Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503C Datasheet(HTML) 2 Page - Intersil Corporation

  HC5503C Datasheet HTML 1Page - Intersil Corporation HC5503C Datasheet HTML 2Page - Intersil Corporation HC5503C Datasheet HTML 3Page - Intersil Corporation HC5503C Datasheet HTML 4Page - Intersil Corporation HC5503C Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
50
Absolute Maximum Ratings (Note 1)
Thermal Information
Maximum Continuous Supply Voltages
(VBAT). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to 0.5V
(VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7V
(VCC - VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V
Operating Conditions
Temperature Range
HC5503C-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Negative Supply Voltage (VBAT) . . . . . . . . . . . . . . . . . .-24V to -58V
High Level Logic Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
53
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
Die Characteristics
Transistor Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, VBAT = -48V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25
oC. Min-Max Parameters are Over Operating Temperature Range
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Off-Hook IB+RL = 600Ω, TA = 25
oC
-
-
5.3
mA
Off-Hook IB-RL = 600Ω
-
-
39
mA
Off-Hook Loop Current
RL = 1200Ω
-21-
mA
Off-Hook Loop Current
RL = 1200Ω, VBAT = -42V, TA = 25
oC
17.5
-
-
mA
Off-Hook Loop Current
RL = 200Ω
25.5
30
34.5
mA
Switch Hook Detection Threshold
SHD = VOL
10
-
-
mA
SHD = VOH
--
5
mA
Dial Pulse Distortion
0-5
µs
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 3) IEEE Method
0oC
≤ TA ≤ 75oC
2-Wire Off-Hook
-65-
dB
2-Wire On-hook
-63-
dB
Tip and Ring to TX, Off-hook
-58-
dB
Insertion Loss
At 1kHz, 0dBm Input Level, Referenced 600
Ω
-
±0.05
±0.2
dB
2-Wire to TX, RX to 2-Wire
Frequency Response
200 - 3400Hz Referenced to Absolute Loss at 1kHz and
0dBm Signal Level (Note 3)
-
±0.02
±0.05
dB
Idle Channel Noise
(Note 3)
-
1
5
dBrnC
2-Wire to TX, RX to 2-Wire
-
-89
-85
dBm0p
Trans Hybrid Loss
RX to TX
Balance Network Set Up for 600
Ω Termination at 1kHz
-
40
-
dB
HC5503C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com