Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5515IP Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5515IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5515IP Datasheet(HTML) 3 Page - Intersil Corporation

  HC5515IP Datasheet HTML 1Page - Intersil Corporation HC5515IP Datasheet HTML 2Page - Intersil Corporation HC5515IP Datasheet HTML 3Page - Intersil Corporation HC5515IP Datasheet HTML 4Page - Intersil Corporation HC5515IP Datasheet HTML 5Page - Intersil Corporation HC5515IP Datasheet HTML 6Page - Intersil Corporation HC5515IP Datasheet HTML 7Page - Intersil Corporation HC5515IP Datasheet HTML 8Page - Intersil Corporation HC5515IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
57
LONGITUDINAL CURRENT LIMIT (TIP/RING)
Off-Hook (Active)
No False Detections, (Loop Current),
LB > 45dB (Note 4, Figure 3A)
20
-
-
mAPEAK/
Wire
On-Hook (Standby), RL = ∞
No False Detections (Loop Current) (Note 5,
Figure 3B)
5-
-
mAPEAK/
Wire
FIGURE 3A. OFF-HOOK
FIGURE 3B. ON-HOOK
FIGURE 3. LONGITUDINAL CURRENT LIMIT
OFF-HOOK LONGITUDINAL BALANCE
Longitudinal to Metallic
IEEE 455 - 1985, RLR, RLT = 368Ω
0.2kHz < f < 4.0kHz (Note 6, Figure 4)
53
70
-
dB
Longitudinal to Metallic
RLR, RLT = 300Ω, 0.2kHz < f < 4.0kHz
(Note 6, Figure 4)
53
70
-
dB
Metallic to Longitudinal
FCC Part 68, Para 68.310
0.2kHz < f < 1.0kHz
50
55
-
dB
1.0kHz < f < 4.0kHz (Note 7)
50
55
-
dB
Longitudinal to 4-Wire
0.2kHz < f < 4.0kHz (Note 8, Figure 4)
53
70
-
dB
Metallic to Longitudinal
RLR, RLT = 300Ω, 0.2kHz < f < 4.0kHz
(Note 9, Figure 5)
50
55
-
dB
4-Wire to Longitudinal
0.2kHz < f < 4.0kHz (Note 10, Figure 5)
50
55
-
dB
FIGURE 4. LONGITUDINAL TO METALLIC AND
LONGITUDINAL TO 4-WIRE BALANCE
FIGURE 5. METALLIC TO LONGITUDINAL AND 4-WIRE TO
LONGITUDINAL BALANCE
2-Wire Return Loss
CHP = 20nF
0.2kHz to 0.5kHz (Note 11, Figure 6)
25
-
-
dB
0.5kHz to 1.0kHz (Note 11, Figure 6)
27
-
-
dB
1.0kHz to 3.4kHz (Note 11, Figure 6)
23
-
-
dB
TIP IDLE VOLTAGE
Active, IL = 0
-
-1.5
-
V
Standby, IL = 0
-<0-
V
RING IDLE VOLTAGE
Active, IL = 0
-
-46.5
-
V
Electrical Specifications
TA = -40
oCto85oC, V
CC = +5V ±5%, VEE = -5V ±5%, VBAT = -48V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG =0Ω,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All pin
number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDC2
41.2k
Ω
RDC1
41.2k
Ω
CDC
1.5
µF
EL
-5V
39k
Ω
368
Ω
368
Ω
C
2.16
µF
A
TIP
27
RSN
16
RING
28
RDC
14
DET
RD
A
RDC2
41.2k
Ω
RDC1
41.2k
Ω
CDC
1.5
µF
EL
-5V
39k
Ω
368
Ω
368
Ω
A
TIP
27
RSN
16
RING
28
RDC
14
DET
RD
C
2.16
µF
C
2.16
µF
A
RT
RRX
EL
VTR
600k
Ω
300k
Ω
C
RLT
RLR
VTX
2.16
µF
TIP
27
VTX
19
RING
28
RSN
16
RT
RRX
ETR
VL
600k
Ω
300k
Ω
C
RLT
RLR
ERX
300
Ω
300
Ω
2.16
µF
TIP
27
VTX
19
RING
28
RSN
16
HC5515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com