Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55151 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC55151
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HC55151 Datasheet HTML 3Page - Intersil Corporation HC55151 Datasheet HTML 4Page - Intersil Corporation HC55151 Datasheet HTML 5Page - Intersil Corporation HC55151 Datasheet HTML 6Page - Intersil Corporation HC55151 Datasheet HTML 7Page - Intersil Corporation HC55151 Datasheet HTML 8Page - Intersil Corporation HC55151 Datasheet HTML 9Page - Intersil Corporation HC55151 Datasheet HTML 10Page - Intersil Corporation HC55151 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
4-WIRE TRANSMIT PORT (VTX)
Overload Level, Off Hook (IL≥ 18mA)
Forward and Reverse
(ZL > 20kΩ, IL 1% THD) (Note 13,
Figure 7) TA = 0
oC to 85oC
TA = -40
oC to 0oC
3.2
-
-
VPEAK
Forward
Only
•
Forward
Only
•••
3.0
-
-
VPEAK
Overload Level, On Hook (IL ≤ 5mA)
Forward and Reverse
(ZL > 20kΩ, 1% THD)
(Note 14, Figure 7)
1.3
-
-
VPEAK
Forward
Only
•
Forward
Only
•••
VTX Output Offset Voltage
Forward and Reverse
EG = 0, ZL = ∞, (Note 15, Figure 7)
-200
-
200
mV
Forward
Only
•
Forward
Only
•••
Output Impedance
(Guaranteed by Design)
0.2kHz < f < 03.4kHz
-
0.1
1
Ω
••••••
4-WIRE RECEIVE PORT (VRX)
VRX Input Impedance
(Guaranteed by Design)
0.2kHz < f < 3.4kHz
-
500
600
k
Ω
••••••
FREQUENCY RESPONSE (OFF-HOOK)
2-Wire to 4-Wire
Forward and Reverse
Relative to 0dBm at 1.0kHz, ERX = 0V
Forward
Only
•
Forward
Only
•••
0.3kHz < f < 3.4kHz
-0.15
-
0.15
dB
f = 8.0kHz (Note 16, Figure 8)
-
0.24
0.5
dB
f = 12kHz (Note 16, Figure 8)
-
0.58
1.0
dB
f = 16kHz (Note 16, Figure 8)
-
1.0
1.5
dB
4-Wire to 2-Wire
Forward and Reverse
Relative to 0dBm at 1.0kHz, EG = 0V
0.3kHz < f < 3.4kHz
-0.15
-
0.15
dB
Forward
Only
•
Forward
Only
•••
f = 8kHz (Note 17, Figure 8)
-0.5
0.24
-
dB
f = 12kHz (Note 17, Figure 8)
-1.0
0.58
-
dB
f = 16kHz (Note 17, Figure 8)
-1.5
1.0
-
dB
4-Wire to 4-Wire
Forward and Reverse
Relative to 0dBm at 1.0kHz, EG = 0V
Forward
Only
•
Forward
Only
•••
0.3kHz < f < 3.4kHz (Note 18, Figure 8) -0.15
-
0.15
dB
8kHz, 12kHz, 16kHz (Note 18, Figure 8)
-0.5
0
0.5
dB
FIGURE 8. FREQUENCY RESPONSE, INSERTION LOSS, GAIN TRACKING
AND HARMONIC DISTORTION
FIGURE 9. IDLE CHANNEL NOISE
Electrical Specifications
TA = -40
oCto85oC, V
CC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 =RP2 =0Ω, ZT = 120kΩ,RLIM = 38.3kΩ,RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ,CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test applies
to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1
EG
RL
600
Ω
VTR
ERX
TIP
RING
VRX
VTX
VTX
PTG
OPEN
600
Ω
VTR
RL
TIP
RING
VRX
VTX
VTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com