Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5520CM Datasheet(PDF) 2 Page - Harris Corporation

Part # HC5520CM
Description  CO/PABX Polarity Reversal Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC5520CM Datasheet(HTML) 2 Page - Harris Corporation

  HC5520CM Datasheet HTML 1Page - Harris Corporation HC5520CM Datasheet HTML 2Page - Harris Corporation HC5520CM Datasheet HTML 3Page - Harris Corporation HC5520CM Datasheet HTML 4Page - Harris Corporation HC5520CM Datasheet HTML 5Page - Harris Corporation HC5520CM Datasheet HTML 6Page - Harris Corporation HC5520CM Datasheet HTML 7Page - Harris Corporation HC5520CM Datasheet HTML 8Page - Harris Corporation HC5520CM Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Absolute Maximum Ratings (Note 1)
Thermal Information
VCC to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VEE to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V
VBAT to BGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V
AGND to BGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±3V
Digital Pins to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
ESD Withstand (Human Body Model) . . . . . . . . . . . . . . . . . . . 500V
Operating Conditions
Temperature Range
HC5520CQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
HC5520CM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
66
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
46
Maximum Power Dissipation
MQFP package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.21W
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.74W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . 150o
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead tips only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Recommended Operating Conditions
For maximum integrity, nominal operating conditions should be selected so that operation is always within the following ranges:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Supply
VBAT
-42
-48
-58
VDC
Positive Supply
VCC
4.75
5
5.25
VDC
Negative Supply
VEE
-4.75
-5
-5.25
VDC
Ringing Supply
VRINGING
60
75
90
VRMS
Loop Resistance
RL
200
-
1800
Ω
Ambient Temperature
TA
025
70
oC
Die Temperature
TD
-
-
150
oC
Electrical Specifications Unless Otherwise Specified: Typical Parameters are at TA = 25oC, VCC = +5V, VEE = -5V, VBAT = -48V,
AGND = BGND = RGND = 0V, Min-Max Parameters are Over Power Supply and Operating Temperature Range. All Transmission Parame-
ters are Specified at 600
Ω 2-Wire Terminating Impedance with 0dB transmit and receive gain.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MODE
LOAD
VBAT
OTHER
CONDITIONS
FREQ/
LEVEL
POWER SUPPLY CURRENTS (Figure 4)
ICC
normal
reverse
p’down
Open
-48V
VCC = 5V
5.0
6.0
2.0
8.0
8.9
3.7
11.0
12.0
5.5
mA
mA
mA
IEE
normal
reverse
p’down
Open
-48V
VEE = -5V
-6.0
-7.0
-3.0
-3.6
-4.9
-1.7
-2.0
-3.0
-0.7
mA
mA
mA
IBB
normal
reverse
p’down
Open
-48V
VCC = 5V,
VEE = -5V
-7.0
-7.0
-1.0
-4.2
-4.0
-0.4
-2.0
-2.0
0.0
mA
mA
mA
THERMAL SHUTDOWN
Thermal Shutdown Temperature,
Die Temperature
normal
reverse
-48V
-
150
-
oC
BATTERY FEED CHARACTERISTICS - 2W VOLTAGES (Figure 4)
VTIP
normal
reverse
Open
-48V
-5.50
-46.00
-4.16
-43.60
-2.46
-42.00
V
V
HC5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com