Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5526CP Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5526CP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526CP Datasheet(HTML) 2 Page - Intersil Corporation

  HC5526CP Datasheet HTML 1Page - Intersil Corporation HC5526CP Datasheet HTML 2Page - Intersil Corporation HC5526CP Datasheet HTML 3Page - Intersil Corporation HC5526CP Datasheet HTML 4Page - Intersil Corporation HC5526CP Datasheet HTML 5Page - Intersil Corporation HC5526CP Datasheet HTML 6Page - Intersil Corporation HC5526CP Datasheet HTML 7Page - Intersil Corporation HC5526CP Datasheet HTML 8Page - Intersil Corporation HC5526CP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
58
Absolute Maximum Ratings
Thermal Information
Operating Temperature Range . . . . . . . . . . . . . . . . -40oC to 110oC
Power Supply (-40oC
≤ TA ≤ 85oC)
Supply Voltage VCC to GND . . . . . . . . . . . . . . . . . . . . 0.5V to 7V
Supply Voltage VEE to GND. . . . . . . . . . . . . . . . . . . . . -7V to 0.5V
Supply Voltage VBAT to GND . . . . . . . . . . . . . . . . . . . -70V to 0.5V
Ground
Voltage between AGND and BGND . . . . . . . . . . . . . -0.3V to 0.3V
Relay Driver
Ring Relay Supply Voltage . . . . . . . . . . . . . . . . . 0V to VBAT 75V
Ring Relay Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Ring Trip Comparator
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBAT to 0V
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA to 5mA
Digital Inputs, Outputs (C1, C2, E0, E1, DET)
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to VCC
Output Voltage (DET Not Active) . . . . . . . . . . . . . . . . . 0V to VCC
Output Current (DET) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Tipx and Ringx Terminals (-40oC
≤ TA ≤ 85oC)
Tipx or Ringx Voltage, Continuous (Referenced to GND) VBAT to 2V
Tipx or Ringx, Pulse < 10ms, TREP > 10s . . . . . .VBAT -20V to 5V
Tipx or Ringx, Pulse < 10
µs, TREP > 10s . . . . VBAT -40V to 10V
Tipx or Ringx, Pulse < 250ns, TREP > 10s. . . . VBAT -70V to 15V
Tipx or Ringx Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70mA
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
22 Lead PDIP Package . . . . . . . . . . . . . . . . . . . . . .
53
28 Lead PLCC Package . . . . . . . . . . . . . . . . . . . . . .
53
Continuous Dissipation at 70oC
22 Lead PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5W
28 Lead PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5W
Package Power Dissipation at 70oC, t < 100ms, tREP > 1s
22 Lead PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4W
28 Lead PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4W
Derate above . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70oC
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18.8mW/oC
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18.8mW/oC
Maximum Junction Temperature Range. . . . . . . . . . -40oC to 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . 543 Transistors, 51 Diodes
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Typical Operating Conditions
These represent the conditions under which the part was developed and are suggested as guidelines.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Case Temperature
-40
-
100
oC
VCC with Respect to AGND
0oC to 70oC
4.75
-
5.25
V
VEE with Respect to AGND
0oC to 70oC
-5.25
-
-4.75
V
VBAT with Respect to BGND
0oC to 70oC
-58
-
-24
V
Electrical Specifications
TA =0
oCto70oC, V
CC =5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG = ∞,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All
pin number references in the figures refer to the 28 lead PLCC package.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overload Level
1% THD, ZL = 600Ω, (Note 2, Figure 1)
3.1
-
-
VPEAK
Longitudinal Impedance (Tip/Ring)
0 < f < 100Hz (Note 3, Figure 2)
-
20
35
Ω/Wire
FIGURE 1. OVERLOAD LEVEL (TWO-WIRE PORT)
FIGURE 2. LONGITUDINAL IMPEDANCE
TIP
27
VTX
19
RING
28
RSN
16
IDCMET
RT
RRX
ERX
RL
VTRO
600k
Ω
300k
Ω
600
Ω
23mA
EL
VT
C
0 < f < 100Hz
VR
LZT = VT/AT
LZR = VR/AR
1VRMS
300
Ω
300
Ω
2.16
µF
TIP
27
VTX
19
RING
28
RSN
16
RT
RRX
600k
Ω
300k
Ω
AT
AR
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com