Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCA600ACREF Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCA600ACREF
Description  600W/1000W Full Bandwidth Class D Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCA600ACREF Datasheet(HTML) 1 Page - Intersil Corporation

  HCA600ACREF Datasheet HTML 1Page - Intersil Corporation HCA600ACREF Datasheet HTML 2Page - Intersil Corporation HCA600ACREF Datasheet HTML 3Page - Intersil Corporation HCA600ACREF Datasheet HTML 4Page - Intersil Corporation HCA600ACREF Datasheet HTML 5Page - Intersil Corporation HCA600ACREF Datasheet HTML 6Page - Intersil Corporation HCA600ACREF Datasheet HTML 7Page - Intersil Corporation HCA600ACREF Datasheet HTML 8Page - Intersil Corporation HCA600ACREF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
File Number
4777
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 407-727-9207
| Copyright
© Intersil Corporation 1999
Coolaudio™ is a trademark of Intersil Corporation.
PRELIMINARY
HCA600ACREF
600W/1000W Full Bandwidth Class D
Amplifier
The HCA600ACREF reference
design delivers 600W RMS
power into a 8
Ω load and
1000W into a 4
Ω load.
The design is part of the Intersil’s Coolaudio™ program that
supports customers to achieve a minimum time-to-market for
audio end products. As part of this program, this design is
offered after execution of a licensing agreement. At that time,
Intersil provides to the licensee a documentation package
containing: 1) a circuit description, 2) schematics, 3) test
and manufacturing information, 4) A bill of materials with all
vendors and vendor part numbers, 5) Intersil’s engineering
support contacts, 6) one evaluation unit.
For more information, visit our web page at
http://www.intersil.com. For technical assistance, call Central
Applications at 1-800-442-7747, or email us at
centapp@intersil.com.
Licensing Information
Contacts for licensing details, reference design evaluation,
and general questions are as follows:
Continental Far East, Email cfelic@ca.mbn.or.jp
Intersil Cool Audio, Email coolaud@intersil.com
Features
• 600W RMS Power into 8
Ω
• 1000W RMS Power into 4
Ω
• THD <0.02% at 1kHz and 450W into 8
Ω
• SNR >110dB Relative to Full Power
• Output Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . <200
µV
• Constant Group Delay
• DC to 80kHz Small Signal Bandwidth
• Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . .28kHz
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V/
µs
• Efficiency >90% at 500W into 8
Ω
• Meets FCC and EN55013 Requirements for EMC
• Based On the Intersil HCA8001, Audio Specific IC
• Differential or Single Ended Input
• Over-Current, Over-Voltage and Thermal Protection
• Soft Clipping
• Bridgeable up to 4000W
Applications
• Sound Reinforcement
• Professional and Commercial Sound Systems
• Powered Speakers
• Hi-Fi Stereo
Reference Design Block Diagram
SOURCE
HCA600ACREF
HCA600ACREF
PRE-AMPLIFIER
HCA600ACREF
HCA600ACREF
SOURCE
HEATSINK / EMI SHIELD
HCA600ACREF
HCA8001
HCA600ACREF
HCA8001
27.9MM (1.1”)
220MM (8.7”)
FETS AND DIODES
POWER
SUPPLY
NOTE: The HCA600ACREF can be used in many different commercial and professional applications
including movie theater surround sound systems as depicted in this reference design block diagram.
12
Data Sheet
October 1999


Similar Part No. - HCA600ACREF

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
HCA60R150T SEMIHOW-HCA60R150T Datasheet
287Kb / 7P
Extremely low switching loss
More results

Similar Description - HCA600ACREF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
Class D audio amplifier
Rev. 01-23 October 2008
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
NXP Semiconductors
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
Class-D Audio Amplifier
logo
Texas Instruments
TAS5729MD TI1-TAS5729MD_16 Datasheet
3Mb / 65P
Input Class-D Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com