Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9057/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9057/PCB
Description  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9057/PCB Datasheet HTML 4Page - Analog Devices AD9057/PCB Datasheet HTML 5Page - Analog Devices AD9057/PCB Datasheet HTML 6Page - Analog Devices AD9057/PCB Datasheet HTML 7Page - Analog Devices AD9057/PCB Datasheet HTML 8Page - Analog Devices AD9057/PCB Datasheet HTML 9Page - Analog Devices AD9057/PCB Datasheet HTML 10Page - Analog Devices AD9057/PCB Datasheet HTML 11Page - Analog Devices AD9057/PCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. D
AD9057
–9–
The power-down function of the AD9057 can be done through a
board jumper connection. Connect E7 to E9 (5 V to PWRDN) for
power-down operation. For normal operation, connect E8 to E9
(ground to PWRDN).
The encode signal source should be TTL/CMOS compatible and
capable of driving a 50
W termination (R7). The digital outputs
of the AD9057 are buffered through latches on the evaluation
board (U3) and are available for the user at connector Pins 30
to 37. Latch timing is derived from the ADC encode clock and a
digital clocking signal is provided for the board user at connector
Pins 2 and 21.
An on-board reconstruction digital-to-analog converter is
available for quick evaluations of ADC performance using an
oscilloscope or spectrum analyzer. The DAC converts the ADC’s
digital outputs to an analog signal for examination at the DAC
OUT connector. The DAC is clocked at the ADC encode
frequency. The AD9760 is a 10-bit/100 MSPS single 5 V supply
DAC. The reconstruction signal facilitates quick system trouble-
shooting or confirmation of ADC functionality without requiring
external digital memory, timing, or display interfaces. The DAC
can be used for limited dynamic testing, but customers should note
that test results will be based on the combined performance of the
ADC and DAC (the best ADC performance will be recognized
by evaluating the digital outputs of the ADC directly).
VD
ENCODE
PWRDN
D0–D7
VDD, 3V TO 5V
VD
VREF OUT
VREF IN
1k
VD
BIAS OUT
VD
3k
VREF IN
2.5k
500
VD
VREF IN
AIN
Digital Inputs
Analog Input
Digital Outputs
Bias Output
VREF Output
VREF Input
Figure 6. Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com