Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS132D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS132D
Description  Radiation Hardened Quad 2-Input NAND Schmitt Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS132D Datasheet(HTML) 1 Page - Intersil Corporation

  HCS132D Datasheet HTML 1Page - Intersil Corporation HCS132D Datasheet HTML 2Page - Intersil Corporation HCS132D Datasheet HTML 3Page - Intersil Corporation HCS132D Datasheet HTML 4Page - Intersil Corporation HCS132D Datasheet HTML 5Page - Intersil Corporation HCS132D Datasheet HTML 6Page - Intersil Corporation HCS132D Datasheet HTML 7Page - Intersil Corporation HCS132D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
133
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCS132MS
Radiation Hardened
Quad 2-Input NAND Schmitt Trigger
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
An
Bn
Yn
LL
H
LH
H
HLH
HH
L
NOTE: L = Logic Level Low, H = Logic level High
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
nA
nY
nO
(2, 5, 10, 13)
(1, 4, 9, 12)
(3, 6, 8, 11)
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Gate Day (Typ
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS132MS is a Radiation Hardened Quad 2-Input
NAND Schmitt Trigger inputs. A high on both inputs forces the
output to a Low state.
The HCS132MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS132MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCS132DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCS132KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCS132D/
Sample
+25oC
Sample
14 Lead SBDIP
HCS132K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCS132HMSR
+25oC
Die
Die
August 1995
Spec Number
518750
File Number
3061.1


Similar Part No. - HCS132D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS132D RENESAS-HCS132D Datasheet
368Kb / 8P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
HCS132DMSR RENESAS-HCS132DMSR Datasheet
368Kb / 8P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
More results

Similar Description - HCS132D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS132MS INTERSIL-ACS132MS Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
November 1998
HCTS132MS INTERSIL-HCTS132MS Datasheet
123Kb / 9P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Renesas Technology Corp
HCS132MS RENESAS-HCS132MS Datasheet
368Kb / 8P
Radiation Hardened Quad 2-Input NAND Schmitt Trigger
August 1995
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com