Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1015 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SA1015
Description  High voltage and high current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SA1015 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SA1015 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SA1015 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
High voltage and high current
Excellent
hFE
Linearity
Low niose
,Complementary to C1815
MARKING: BA
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-50
V
Collector-Emitter Voltage
V
CEO
-50
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
0.15
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -100u A,
IE=0
-50
V
Collector-emitter breakdown voltage
VCEO
IC= -0.1mA, IB=0
-50
V
Emitter-base breakdown voltage
VEBO
IE= -100 u A, IC=0
-5
V
Collector cut-off current
ICB
O
VCB=-50V ,
IE=0
-0.1
u A
Collector cut-off current
ICE
O
VCE= -50V ,
IB=0
-0.1
u A
Emitter cut-off current
IEB
O
VEB=- 5V,
IC=0
-0.1
u A
DC current gain
hFE
VCE=-6V,
IC= -2mA
130
400
Collector-emitter saturation voltage
VCE(sat)
IC=-100 mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100 mA, IB= -10mA
-1.1
V
Transition frequency
fT
VCE=-10V,
IC= -1mA
f=30MHz
80
MHz
CLASSIFICATIONOF
hFE
Rank
L
H
Range
130-200
200-400
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
A1015
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SA1015

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
156Kb / 2P
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
logo
Micro Electronics
2SA1015 MICRO-ELECTRONICS-2SA1015 Datasheet
73Kb / 1P
PNP SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1015 KEXIN-2SA1015 Datasheet
37Kb / 1P
PNP Transistor
logo
Dc Components
2SA1015 DCCOM-2SA1015 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SA1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
American Electronic Com...
DEVR05 AEC-DEVR05 Datasheet
918Kb / 4P
High current and high voltage capability
logo
Willow Technologies Ltd
DEVR05 WILLOW-DEVR05 Datasheet
918Kb / 4P
High current and high voltage capability
logo
GETAI ELECTRONICS DEVIC...
BR2F GETEDZ-BR2F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR4F GETEDZ-BR4F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR10F GETEDZ-BR10F_1 Datasheet
516Kb / 2P
High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF_17 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR04 GETEDZ-BR04_17 Datasheet
507Kb / 2P
High Voltage Medium and High Current Diodes
logo
Diodes Incorporated
AL9910AEV2 DIODES-AL9910AEV2 Datasheet
431Kb / 6P
High Current and High Voltage LED Driver
Rev 1
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com