Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS14K Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCS14K
Description  Radiation Hardened HEX Inverting Schmitt Trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS14K Datasheet(HTML) 7 Page - Intersil Corporation

  HCS14K Datasheet HTML 1Page - Intersil Corporation HCS14K Datasheet HTML 2Page - Intersil Corporation HCS14K Datasheet HTML 3Page - Intersil Corporation HCS14K Datasheet HTML 4Page - Intersil Corporation HCS14K Datasheet HTML 5Page - Intersil Corporation HCS14K Datasheet HTML 6Page - Intersil Corporation HCS14K Datasheet HTML 7Page - Intersil Corporation HCS14K Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HCS14MS
AC Timing Diagrams
FIGURE 1
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
Hysteresis Definition, Characteristic and
Test Setup
FIGURE 2
AC Load Circuit
FIGURE 3
VO
VH
VT-
VT+
VI
VH = VT+ - VT-
VCC
VI
GND
VCC
VO
GND
VT+
VT-
VH
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518752



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com