Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS166DMSR Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCS166DMSR
Description  Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS166DMSR Datasheet(HTML) 8 Page - Intersil Corporation

  HCS166DMSR Datasheet HTML 1Page - Intersil Corporation HCS166DMSR Datasheet HTML 2Page - Intersil Corporation HCS166DMSR Datasheet HTML 3Page - Intersil Corporation HCS166DMSR Datasheet HTML 4Page - Intersil Corporation HCS166DMSR Datasheet HTML 5Page - Intersil Corporation HCS166DMSR Datasheet HTML 6Page - Intersil Corporation HCS166DMSR Datasheet HTML 7Page - Intersil Corporation HCS166DMSR Datasheet HTML 8Page - Intersil Corporation HCS166DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
257
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HCS166MS
Spec Number
518758
AC Timing Diagrams and AC Load Circuit
FIGURE 1. CLOCK PRE-REQUISITE TIMES AND PROPAGA-
TION AND OUTPUT TRANSITION TIMES
FIGURE 2. MASTER RESIT PRE-REQUISITE TIMES AND
PROPAGATION DELAYS.
FIGURE 3. DATA PRE-REQUISITE TIMES
FIGURE 4. PARALLEL ENABLE OR CLOCK ENABLE PRE-
REQUISITE TIMES
FIGURE 5. AC LOAD CIRCUIT
tW
VS
50
VS
INPUT
LEVEL
GND
tTHL
VS
VS
tPHL
tPLH
tTLH
t/f MAX
tf
tr
tW
VS
VS
INPUT
LEVEL
GND
tPHL
VS
tREM
VS
MR
CP
Q7
INPUT
LEVEL
GND
VS
VALID
DATA
INPUT
GND
CP
tSU
tH
VS
LEVEL
INPUT
LEVEL
GND
VALID
LEVEL
GND
PE OR CE
tSU
tH
VS
INPUT
LEVEL
INPUT
GND
VS
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com