Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS193D Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCS193D
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS193D Datasheet(HTML) 8 Page - Intersil Corporation

  HCS193D Datasheet HTML 1Page - Intersil Corporation HCS193D Datasheet HTML 2Page - Intersil Corporation HCS193D Datasheet HTML 3Page - Intersil Corporation HCS193D Datasheet HTML 4Page - Intersil Corporation HCS193D Datasheet HTML 5Page - Intersil Corporation HCS193D Datasheet HTML 6Page - Intersil Corporation HCS193D Datasheet HTML 7Page - Intersil Corporation HCS193D Datasheet HTML 8Page - Intersil Corporation HCS193D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
277
HCS193MS
AC Timing Diagrams
FIGURE 1. CLOCK TO OUTPUT DELAYS AND CLOCK PULSE
WIDTH
FIGURE 2. CLOCK TO TERMINAL COUNT DELAYS
FIGURE 3. PARALLEL LOAD PULSE WIDTH, PARALLEL
LOAD TO OUTPUT DELAYS, AND PARALLEL
LOAD TO CLOCK RECOVERY TIME
FIGURE 4. MASTER RESET PULSE WIDTH, MASTER RESET
TO OUTPUT DELAY AND MASTER RESET TO
CLOCK RECOVERY TIME
FIGURE 5. SETUP AND HOLD TIMES DATA TO PARALLEL
LOAD (PL)
FIGURE 6. OUTPUT TRANSITION TIME
I/FMAX
VS
VS
VS
TW
TPHL
TPLH
INPUT LEVEL
CPU OR CPD
VS
VS
QN
TPLH
TPHL
VS
VS
VS
VS
CPU OR CPD
INPUT LEVEL
TCU OR TCD
PN
PL
CPU
QN
INPUT LEVEL
INPUT LEVEL
INPUT
TPLH
VS
LEVEL
VS
VS
VS
TW
TW
TREC
VS
VS
VS
TPHL
OR
CPD
TW
TREC
MR
CPU OR CPD
QN
TPHL
VS
VS
VS
VS
INPUT LEVEL
INPUT LEVEL
VS
VS
VS
VS
TSU(L)
TSU(H)
TH
TH
Q = p
Q = p
PL
PN
QN
INPUT
LEVEL
INPUT
LEVEL
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518759



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com