Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB928A-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB928A-Q
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB928A-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB928A-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB928A-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB928A
■
Typical Characterisitics
VCE(sat) IC
hFE
IC
fT
IC
PC
Ta
IC
VCE
IC
VBE
R
a
e
r
a
n
o
it
a
r
e
p
o
e
f
a
S
th
t
0
0
6
1
0
40
120
80
10
30
20
40
(1)TC = Ta
(2)With a 50 mm×50 mm ×2 mm
Al heat sink
(3)Without heat sink
(PC = 1.3 W)
(1)
(2)
(3)
Ambient temperature Ta (°C)
0
0
−12
−2
−10
−4
−8
−6
−600
−500
−400
−300
−200
−100
TC = 25°C
−4.0 mA
−3.5 mA
−3.0 mA
−2.5 mA
−2.0 mA
−1.5 mA
−1.0 mA
− 0.5 mA
IB = −4.5 mA
Collector-emitter voltage VCE (V)
0
−1.0
− 0.8
− 0.6
− 0.4
– 0.2
0
– 0.4
– 0.8
–1.2
–2.0
–1.6
V CE =
−10 V
25°
C
−25°C
T C = 100°
C
Base-emitter voltage VBE (V)
− 0.01
− 0.01
− 0.1
−1
−10
− 0.1
−1
IC / IB =10
T C = 100°
C
25°
C
−25°C
Collector current I C (A)
− 0.01
− 0.1
−1
−10
1
10
V CE =
−10 V
TC = 100°C
25°C
−25°C
Collector current I C (A)
102
104
103
− 0.01
− 0.1
−1
−10
1
10
VCE = −10 V
f = 10 MHz
TC = 25°C
Collector current IC (A)
102
104
103
–1
–10
–100
–1000
– 0.01
–10
–1
– 0.1
Non repetitive pulse
TC = 25°C
t= 1 ms
t= 5 ms
ICP
IC
t= 0.5 ms
t= 300 ms
Collector-emitter voltage VCE (V)
10−2
10 −1
1
10
103
102
10−4
104
103
102
10
1
10−1
10−2
10−3
(1)
(2)
(1)Without heat sink
(2)With a 50 mm×50 mm ×2 mm Al heat sink
Time t (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com