Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS573D Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS573D
Description  Radiation Hardened Octal Transparent Latch, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS573D Datasheet(HTML) 5 Page - Intersil Corporation

  HCS573D Datasheet HTML 1Page - Intersil Corporation HCS573D Datasheet HTML 2Page - Intersil Corporation HCS573D Datasheet HTML 3Page - Intersil Corporation HCS573D Datasheet HTML 4Page - Intersil Corporation HCS573D Datasheet HTML 5Page - Intersil Corporation HCS573D Datasheet HTML 6Page - Intersil Corporation HCS573D Datasheet HTML 7Page - Intersil Corporation HCS573D Datasheet HTML 8Page - Intersil Corporation HCS573D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
328
Specifications HCS573MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V or 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V or 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Tri-State Output
Leakage Current
IOZ
Applied Voltage = 0V or VCC, VCC = 5.5V
+25oC-
±50
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 3)
+25oC
---
Data to Qn
TPHL
TPLH
VCC = 4.5V
+25oC
2
29
ns
LEN to Qn
TPLH
VCC = 4.5V
+25oC
2
35
ns
TPHL
VCC = 4.5V
+25oC
2
40
ns
Enable to Output
TPZL
VCC = 4.5V
+25oC
2
33
ns
TPZH
VCC = 4.5V
+25oC
2
29
ns
Disable to Output
TPLZ
VCC = 4.5V
+25oC
2
29
ns
TPHZ
VCC = 4.5V
+25oC
2
25
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
IOZL/IOZH
5
±200nA
Spec Number
518771



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com